Electronic Components Datasheet Search
  English  ▼

X  

GC55 Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # GC55
Description  GC55 Pressure Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

GC55 Datasheet(HTML) 1 Page - Ashcroft, Inc.

  GC55 Datasheet HTML 1Page - Ashcroft, Inc. GC55 Datasheet HTML 2Page - Ashcroft, Inc. GC55 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
of 3
1
GC55 Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. GC-55_transducer_ds_RevD_11-24-22
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
Bright LED display of pressure and switch status
All stainless steel wetted parts
Internal “push-button” configurability allows quick
user pressure range changes or relay adjustments
External “push-button” allows user to display P1, P2
or DP without opening cover
TYPICAL USES
Tank level pressure measurement
Pump controls
Compressor control
Filter monitoring
HVAC Hydronic cooling/heating systems
KEY BENEFITS
• Robust aluminum die cast housing
• Two sensor design well suited for high DP ranges
• Min./Max. feature records, low/high pressure
events
• Two polysilicon thin film sensors to achieve wet-
wet, high differential pressure measurements
• Monitors/controls a wide variety of wet/dry media
PERFORMANCE SPECIFICATIONS
Reference
Temperature:
75 °F (24 °C)
Analog Output:
4-20 mA or 1-5 Vdc
Accuracy:
±0.5% of span
Includes linearity, hysteresis and repeatability
Response Time:
20 ms
Output Resolution:
±0.2% of span
Stability:
±0.5%/year
Pressure Switch Output:
Number of Contacts: 2
Response Time:
20 ms-2.0 sec (by user)
Type:
TTL/CMOS up to 40 Vdc / 200 mA
Setting Accuracy:
±1.0% of span
Hysteresis:
Variable deadband (by user)
Display:
Accuracy:
±1.0% of span
Type:
3½ digits, 10 mm LED
ENVIRONMENTAL SPECIFICATIONS
Temperature
Limits:
Storage:
Operating:
Compensated:
−4 °F to 140 °F (−20 °C to 60 °C)
14 °F to 122 °F (−10 °C to 50 °C)
14 °F to 122°F (−10 °C to 50 °C)
Thermal
Coefficients:
(ref. 75°F (24°C))
Zero & Span: ±0.05% of span/°C
FUNCTIONAL SPECIFICATIONS
Static (Line) Pressure
Pressure Range:
75 to ≤300 psi
Proof:
2 X Range (URL)
Burst:
10 X Range (URL)
Single Side (Differential)
Pressure Range:
75 to ≤300 psi
Proof:
2 X Range (URL)
Burst:
10 X Range (URL)
Vibration:
5g’s 150Hz
Shock Effect:
10g’s 16 ms
Static (Line)
Pressure Effects:
None
ELECTRICAL SPECIFICATIONS
Output Signal
(Current):
4-20 mA (3 Wire): 15-27 Vdc 80 mA
Output Signal
(Voltage):
1-5 Vdc (3 wire): 11-27 Vdc 60 mA
Rangeablility/
Adjustment:
Zero: −5% to 105% of span
Span: –5% to 105% of span
(Accuracy based upon F.S. (URL) value)
Switch Contacts:
(2) Photo M0S relay outputs; Load 200 mA (Max.),
40 Vdc; Hysteresis (variable)
GC55
Pressure Transducer


Similar Part No. - GC55

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GC55 WELWYN-GC55 Datasheet
121Kb / 2P
High Value Thick Film Resistors
logo
TT Electronics.
GC55 TTELEC-GC55 Datasheet
360Kb / 2P
High Value Thick Film Resistors
GC554M7FI TTELEC-GC554M7FI Datasheet
360Kb / 2P
High Value Thick Film Resistors
GC554M7JI TTELEC-GC554M7JI Datasheet
360Kb / 2P
High Value Thick Film Resistors
GC55;IEC62; TTELEC-GC55;IEC62; Datasheet
360Kb / 2P
High Value Thick Film Resistors
More results

Similar Description - GC55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com