Electronic Components Datasheet Search
  English  ▼

X  

AMS1082CT Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1082CT
Description  10A LOW DROPOUT VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1082CT Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1082CT Datasheet HTML 1Page - Advanced Monolithic Systems AMS1082CT Datasheet HTML 2Page - Advanced Monolithic Systems AMS1082CT Datasheet HTML 3Page - Advanced Monolithic Systems AMS1082CT Datasheet HTML 4Page - Advanced Monolithic Systems AMS1082CT Datasheet HTML 5Page - Advanced Monolithic Systems AMS1082CT Datasheet HTML 6Page - Advanced Monolithic Systems AMS1082CT Datasheet HTML 7Page - Advanced Monolithic Systems AMS1082CT Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS1082
Monolithic
10A LOW DROPOUT VOLTAGE REGULATORS
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Three Terminal Adjustable or Fixed
• High Efficiency Linear Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 10A
• Microprocessor Supply
• Operates Down to 1V Dropout
• Battery Chargers
• Line Regulation: 0.015%
• Constant Current Regulators
• Load Regulation: 0.1%
• Notebook/Personal Computer Supplies
• TO-220 and TO-263 packages available
• Portable Instrumentation
GENERAL DESCRIPTION
The AMS1082 series of adjustable and fixed voltage regulators are designed to provide 10A output current and to operate
down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.5V at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS1082 devices are pin compatible with older three-terminal regulators and are offered in 3 lead TO-220 package and 3
lead TO-263 (Plastic DD).
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
3 LEAD TO-220
3 LEAD TO-263
TEMPERATURE RANGE
AMS1082CT
AMS1082CM
0 to 125
° C
AMS1082CT-1.5
AMS1082CM-1.5
0 to 125
° C
AMS1082CT-2.5
AMS1082CM-2.5
0 to 125
° C
AMS1082CT-2.85
AMS1082CM-2.85
0 to 125
° C
AMS1082CT-3.0
AMS1082CM-3.0
0 to 125
° C
AMS1082CT-3.3
AMS1082CM-3.3
0 to 125
° C
AMS1082CT-3.5
AMS1082CM-3.5
0 to 125
° C
AMS1082CT-5.0
AMS1082CM-5.0
0 to 125
° C
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VOUT
3- VIN
1- Adjust
2- VOUT
3- VIN
1
2
3
TAB IS
OUTPUT
FRONT VIEW
1
2
3
TAB IS
OUTPUT
FRONT VIEW


Similar Part No. - AMS1082CT

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1082CT ADMOS-AMS1082CT Datasheet
71Kb / 8P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082CT-15 ADMOS-AMS1082CT-15 Datasheet
71Kb / 8P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082CT-25 ADMOS-AMS1082CT-25 Datasheet
71Kb / 8P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082CT-285 ADMOS-AMS1082CT-285 Datasheet
71Kb / 8P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082CT-30 ADMOS-AMS1082CT-30 Datasheet
71Kb / 8P
10A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS1082CT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1082 ADMOS-AMS1082 Datasheet
71Kb / 8P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510 ADMOS-AMS1510 Datasheet
77Kb / 9P
10A LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
10A, Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510_05 Datasheet
90Kb / 9P
10A LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581_15 Datasheet
241Kb / 12P
10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
10A, Very Low Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com