Electronic Components Datasheet Search
  English  ▼

X  

SC2688 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2688
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2688 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2688 Datasheet HTML 4Page - Semtech Corporation SC2688 Datasheet HTML 5Page - Semtech Corporation SC2688 Datasheet HTML 6Page - Semtech Corporation SC2688 Datasheet HTML 7Page - Semtech Corporation SC2688 Datasheet HTML 8Page - Semtech Corporation SC2688 Datasheet HTML 9Page - Semtech Corporation SC2688 Datasheet HTML 10Page - Semtech Corporation SC2688 Datasheet HTML 11Page - Semtech Corporation SC2688 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2688
Theory of Operation (Linear OCP)
The Linear controllers in the SC2688 have built in
Overcurrent Protection (OCP). An overcurrent is assumed
to have occured when the external FET is turned fully on
and the output currrent is R
DS(ON) limited, this is detected
by the gate voltage going very high while the output volt-
age is below approximately 40% of it’s setpoint. To allow
for capacitor charging and very short overcurrent dura-
tions, the gate voltage is ramped very slowly upwards when-
ever the output voltage is below the OCP threshold. To
guarantee that the LDO output voltage is capable of reach-
ing it’s setpoint, the gate drive is disabled until both LDOV
Undervoltage Lockout (UVLO) and LDOEN Threshold val-
ues are exceeded, ensuring that there is sufficient gate
drive capability and sufficient LDO input voltage capabil-
ity. A block diagram of one LDO controller is shown below.
+
-
gm
+
-
LDOV
1.3V
LDOV-0.7V
10nA
LDOSx
+
-
12V
RESET BY
LDOV LOW
VREF
10pF
R
S
Q
14uA
1.26V
+
-
GATEx
R
+
-
R1
R
+
AGND
LDOEN
LDOV
Vout
3.3V
R2
SWITCH CLOSED
ON LOW
C RAMP
S1
During a normal start-up, once LDOV and LDOEN have
reached their thresholds, the GATEx pin is released and
C
RAMP is charged by 10nA causing the GATEx voltage to
ramp at 10nA/10pF = 1V/ms. Once the GATEx output has
ramped to the external FET threshold, Vout starts to ramp
up, following GATEx. When Vout reaches the OCP thresh-
old, approximately 40% of setpoint, switch S1 is closed
and GATEx ramps up at a much faster rate, followed by
Vout, until Vout reaches setpoint and the loop settles into
steady state regulation.
1V/ms
Gate
Vout
Vout/2
1.4V/us
Time
Startup with no short circuit
If at some later time, a short circuit is applied to the out-
put, the GATEx voltage will ramp up quickly as Vout falls to
try and maintain regulation. Once Vout has fallen to the
OCP threshold, switch S1 will open and the gate will con-
tinue ramping at the 1V/ms rate. If the short is not re-
moved before the GATEx output reaches approximately
LDOV - 0.7V, the GATEx pin will be latched low, disabling
the LDO
1V/ms
Gate
LDOV-0.7V
Vout/2
Vout
Short
applied
Time
Short circuit after startup
If the LDO tries to start into a short, the gate ramps at the
1V/ms rate to LDOV - 0.7V, where the GATEx pin will be
latched low.
1V/ms
Gate
LDOV-0.7V
Time
Startup into short circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com