Electronic Components Datasheet Search
  English  ▼

X  

AMS1084CM Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1084CM
Description  5A LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1084CM Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1084CM Datasheet HTML 1Page - Advanced Monolithic Systems AMS1084CM Datasheet HTML 2Page - Advanced Monolithic Systems AMS1084CM Datasheet HTML 3Page - Advanced Monolithic Systems AMS1084CM Datasheet HTML 4Page - Advanced Monolithic Systems AMS1084CM Datasheet HTML 5Page - Advanced Monolithic Systems AMS1084CM Datasheet HTML 6Page - Advanced Monolithic Systems AMS1084CM Datasheet HTML 7Page - Advanced Monolithic Systems AMS1084CM Datasheet HTML 8Page - Advanced Monolithic Systems AMS1084CM Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced
AMS1084
Monolithic
5A LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Three Terminal Adjustable or Fixed
• High Efficiency Linear Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 5A
• Microprocessor Supply
• Operates Down to 1V Dropout
• Battery Chargers
• Line Regulation: 0.015%
• Constant Current Regulators
• Load Regulation: 0.1%
• Notebook/Personal Computer Supplies
• TO-220, TO-263 and TO-252 packages available
• Portable Instrumentation
GENERAL DESCRIPTION
The AMS1084 series of adjustable and fixed voltage regulators are designed to provide 5A output current and to operate
down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.5V at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS1084 devices are pin compatible with older three-terminal regulators and are offered in 3 lead TO-220 package, 3
and 2 lead TO-263 (Plastic DD) and TO-252 (D PAK) package.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
3 LEAD TO-220
2&3 LEAD TO-263
TO-252
TEMPERATURE RANGE
AMS1084CT
AMS1084CM
AMS1084CD
0 to 125
° C
AMS1084CT-1.5
AMS1084CM-1.5
AMS1084CD-1.5
0 to 125
° C
AMS1084CT-2.5
AMS1084CM-2.5
AMS1084CD-2.5
0 to 125
° C
AMS1084CT-2.85
AMS1084CM-2.85
AMS1084CD-2.85
0 to 125
° C
AMS1084CT-3.0
AMS1084CM-3.0
AMS1084CD-3.0
0 to 125
° C
AMS1084CT-3.3
AMS1084CM-3.3
AMS1084CD-3.3
0 to 125
° C
AMS1084CT-3.5
AMS1084CM-3.5
AMS1084CD-3.5
0 to 125
° C
AMS1084CT-5.0
AMS1084CM-5.0
AMS1084CD-5.0
0 to 125
° C
1
2
3
TAB IS
OUTPUT
TO-220 FRONT VIEW
1
2
3
TAB IS
OUTPUT
3L TO-263 FRONT VIEW
TAB IS
OUTPUT
TO-252 FRONT VIEW
1
2
3
1
2
3
TAB IS
OUTPUT
2L TO-263 FRONT VIEW
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VOUT
3- VIN
1- Adjust
2- VOUT
3- VIN
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS1084CM

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084CM ADMOS-AMS1084CM Datasheet
76Kb / 8P
5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CM ADMOS-AMS1084CM Datasheet
133Kb / 9P
High Efficiency Linear Regulators
AMS1084CM-1.5 ADMOS-AMS1084CM-1.5 Datasheet
133Kb / 9P
High Efficiency Linear Regulators
AMS1084CM-15 ADMOS-AMS1084CM-15 Datasheet
76Kb / 8P
5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CM-2.5 ADMOS-AMS1084CM-2.5 Datasheet
133Kb / 9P
High Efficiency Linear Regulators
More results

Similar Description - AMS1084CM

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
List of Unclassifed Man...
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
5A Low dropout voltage regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
5A Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com