Electronic Components Datasheet Search
  English  ▼

X  

SC1486AITSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1486AITSTR
Description  Complete DDR1/2/3 Power Supply Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AITSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1486AITSTR Datasheet HTML 7Page - Semtech Corporation SC1486AITSTR Datasheet HTML 8Page - Semtech Corporation SC1486AITSTR Datasheet HTML 9Page - Semtech Corporation SC1486AITSTR Datasheet HTML 10Page - Semtech Corporation SC1486AITSTR Datasheet HTML 11Page - Semtech Corporation SC1486AITSTR Datasheet HTML 12Page - Semtech Corporation SC1486AITSTR Datasheet HTML 13Page - Semtech Corporation SC1486AITSTR Datasheet HTML 14Page - Semtech Corporation SC1486AITSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
 2006 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Application Information (Cont.)
Current Limit Circuit (Cont.)
latches off due to output overvoltage (see Output
Overvoltage Protection).
Power Good Output
Each controller has its own power good output. Power
good is an open-drain output and requires a pull-up
resistor. When VDDQ is 10% above or below its set volt-
age, or VTT is 2V or 10% below REFOUT, PGD for that
output gets pulled low. It is held low until the output volt-
age returns to within these limits. PGD is also held low
during start-up and will not be allowed to transition high
until soft start is over (440 switching cycles) and the out-
put reaches 90% of its set voltage. There is a 5µs delay
built into the PGD circuitry to prevent false transitions.
Output Overvoltage Protection
When VDDQ exceeds 10% of its set voltage or VTT
exceeds 2V, the low side MOSFET for that output is
latched on. It stays latched on and the controller is latched
off until reset (see below). There is a 5µs delay built into
the OV protection circuit to prevent false transitions. An
OV fault in VTT will not affect VDDQ. An OV fault in VDDQ
will shut down VTT if VDDQ is used to generate REFIN.
Note: to reset VDDQ from any fault, VCCA1 or EN/PSV1
must be toggled. To reset VTT from a fault, VCCA2 or
REFIN must be toggled.
Output Undervoltage Protection
When the output is 30% (20% for VTT) below its set volt-
age the output is latched in a tri-stated condition. It stays
latched and the controller is latched off until reset (see
below). There is a 5µs delay built into the UV protection
circuit to prevent false transitions. A UV fault in VTT will
not affect VDDQ. A UV fault in VDDQ will shut down VTT if
VDDQ is used to generate REFIN. Note: to reset VDDQ
from any fault, VCCA1 or EN/PSV1 must be toggled. To
reset VTT from a fault, VCCA2 or REFIN must be toggled.
POR, UVLO and Softstart
An internal power-on reset (POR) occurs when VCCA1 and
VCCA2 exceed 3V, resetting the fault latch and soft-start
counter, and preparing the PWM for switching. VCCA
undervoltage lockout (UVLO) circuitry inhibits switching
and forces the DL gate driver high until VCCA rises above
4.2V. At this time the circuit will come out of UVLO and
begin switching, and with the softstart circuit enabled,
will progressively limit the output current (by limiting the
current out of the ILIM pin) over a predetermined time
period of 440 switching cycles. The VTT switcher
operates slightly differently in order to implement
Suspend to RAM (S3) mode. VDDP2 is used to enable
the switcher. If REFIN is greater than ~0.5V and VDDP2
is less than ~3.25V, REFOUT will be present but the VTT
switcher will be disabled (VTT = high-Z). If REFIN is greater
than ~0.5V and VDDP2 is greater than ~3.25V both
REFOUT and the VTT switcher will be enabled.
The ramp occurs in four steps:
1) 110 cycles at 25% ILIM with double minimum off-time
(for purposes of the on-time one-shot there is an
internal positive offset of 120mV to VOUT during this
period to aid in startup)
2) 110 cycles at 50% ILIM with normal minimum off-time
3) 110 cycles at 75% ILIM with normal minimum off-time
4) 110 cycles at 100% ILIM with normal minimum
off-time. At this point the output undervoltage and power
good circuitry is enabled.
There is 100mV of hysteresis built into the UVLO circuit
and when VCCA falls to 4.1V (nom.) the output drivers
are shut down and tristated.
MOSFET Gate Drivers
The DH and DL drivers are optimized for driving
moderate-sized high-side, and larger low-side power
MOSFETs. An adaptive dead-time circuit monitors the DL
output and prevents the high-side MOSFET from turning
on until DL is fully off (below ~1V). Conversely, it
monitors the phase node, LX, to determine the state of
the high side MOSFET, and prevents the low-side MOSFET
from turning on until DH is fully off (LX below ~1V). Be
sure there is low resistance and low inductance between
the DH and DL outputs to the gate of each MOSFET.
DDR Reference Buffer
The reference buffer is capable of driving 3mA and sinking
25µA. Since the output is class A, if additional sinking is
required an external pulldown resistor can be added.
Make sure that the ground side of this pulldown is tied
to VSSA2. As with most opamps, a small resistor is
required when driving a capacitive load. To ensure stability
use either a 10
Ω resistor in series with a 1µF capacitor
or a 100
Ω resistor in series with a 0.1µF capacitor from
REFOUT to AGND2.
Since it is possible to have as much as 10µF to 20µF of
capacitance at the memory socket or on-board the
DIMMs, it is recommended that a 0
Ω resistor is placed
between REFOUT and the DIMM sockets. This allows the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com