Electronic Components Datasheet Search
  English  ▼

X  

SC4205 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4205
Description  Very Low Dropout 1 Amp Regulator With Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4205 Datasheet(HTML) 6 Page - Semtech Corporation

  SC4205 Datasheet HTML 1Page - Semtech Corporation SC4205 Datasheet HTML 2Page - Semtech Corporation SC4205 Datasheet HTML 3Page - Semtech Corporation SC4205 Datasheet HTML 4Page - Semtech Corporation SC4205 Datasheet HTML 5Page - Semtech Corporation SC4205 Datasheet HTML 6Page - Semtech Corporation SC4205 Datasheet HTML 7Page - Semtech Corporation SC4205 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
 2004 Semtech Corp.
www.semtech.com
SC4205
POWER MANAGEMENT
Introduction
The SC4205 is intended for applications such as
graphics cards where high current capability and very low
dropout voltage are required. It provides a very simple,
low cost solution that uses very little pcb real estate.
Additional features include an enable pin to allow for a
very low power consumption standby mode, and a fully
adjustable output.
Component Selection
Input capacitor: a 4.7µF ceramic capacitor is
recommended. This allows for the device being some
distance from any bulk capacitance on the rail.
Additionally, input droop due to load transients is reduced,
improving load transient response. Additional capacitance
may be added if required by the application.
Output capacitor: a minimum bulk capacitance of 2.2µF,
along with a 0.1µF ceramic decoupling capacitor is
recommended. Increasing the bulk capacitance will
improve the overall transient response. The use of
multiple lower value ceramic capacitors in parallel to
achieve the desired bulk capacitance will not cause
stability issues. Although designed for use with ceramic
output capacitors, the SC4205 is extremely tolerant of
output capacitor ESR values and thus will also work
comfortably with tantalum output capacitors. For refer-
ence, the phase-margin contour of Figure 1 can be used
to choose an appropriate output capacitor for a given
stability requirement.
Noise immunity: in very electrically noisy environments,
it is recommended that 0.1µF ceramic capacitors be
placed from IN to GND and OUT to GND as close to the
device pins as possible.
External voltage selection resistors: the use of 1%
resistors, and designing for a current flow
≥ 10µA is
recommended to ensure a well regulated output (thus
R2
≤ 120kΩ).
Applications Information
Thermal Considerations
The power dissipation in the SC4205 is approximately
equal to the product of the output current and the input
to output voltage differential:
()
O
D
I
VOUT
VIN
P
•
−
≈
The absolute worst-case dissipation is given by:
()
)
(
)
(
)
(
)
(
)
(
)
(
MAX
Q
MAX
MAX
O
MIN
MAX
MAX
D
I
VIN
I
VOUT
VIN
P
•
+
•
−
=
For a typical scenario, V
IN = 3.3V ± 5%, VOUT = 2.8V and
I
O = 1A, therefore:
V
IN(MAX) = 3.465V, VOUT(MIN) = 2.744V and IQ(MAX) = 1.75mA,
Thus P
D(MAX) = 727mW.
Using this figure, and assuming T
A(MAX) = 70°C, we can
calculate the maximum thermal impedance allowable to
maintain T
J ≤ 150°C:
() ()
W
C
P
T
T
R
MAX
D
MAX
A
MAX
J
MAX
A
J
TH
/
110
727
.
70
150
)
(
)
(
)
(
)
)(
(
°
=
−
=
−
=
−
This should be achievable for the SOIC-8EDP package
using pcb copper area to aid in conducting the heat away,
such as one square inch of copper connected to the pins
of the device. Internal ground/power planes and air flow
will also assist in removing heat. For higher ambient tem-
peratures it may be necessary to use additional copper
area.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com