Electronic Components Datasheet Search
  English  ▼

X  

SH3000EK Datasheet(PDF) 13 Page - Semtech Corporation

Part # SH3000EK
Description  Reset Management and Clock Management Support IC for Microcontrollers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000EK Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SH3000EK Datasheet HTML 9Page - Semtech Corporation SH3000EK Datasheet HTML 10Page - Semtech Corporation SH3000EK Datasheet HTML 11Page - Semtech Corporation SH3000EK Datasheet HTML 12Page - Semtech Corporation SH3000EK Datasheet HTML 13Page - Semtech Corporation SH3000EK Datasheet HTML 14Page - Semtech Corporation SH3000EK Datasheet HTML 15Page - Semtech Corporation SH3000EK Datasheet HTML 16Page - Semtech Corporation SH3000EK Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SH3002 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2002-2005 Semtech Corporation
13
V1.20 www.semtech.com
Note: The SH3002 is ESD-sensitive.
Description
Symbol
Min
Max
Units
Supply voltages on VDD relative to ground
VDD
-0.5
5.5
V
Input voltage on CLKIN, IO/INT, TEST
VIN1
-0.5
VDD + 0.5
V
Input voltage on CLKSEL
VIN2
-0.5
VREG + 0.5
V
Input current on any pin except VREG
IIN1
10
mA
Input current on VREG
IIN2
150
mA
Ambient operating temperature
TOP
-40
85
ºC
Storage temperature
TSTG
-55
160
ºC
Operating Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
Case temperature
TOP
–40
+85
°C
Supply voltage
VDD
2.3
5.5
V
Supply current, CLKOUT = 16 MHz*
IDD
3
mA
Supply current, CLKOUT = 8 MHz*
IDD
1.8
mA
Supply current, CLKOUT = 2 MHz*
IDD
0.9
mA
Standby current, 32.768 kHz RC oscillator**
ISB
10
µA
CLK32
disabled
*Note: Assuming load on CLKOUT < 20 pf
**Note: Assuming temperature < 60ºC
Electrical Specifications
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com