Electronic Components Datasheet Search
  English  ▼

X  

AMS431LAL Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS431LAL
Description  1.2V SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS431LAL Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS431LAL Datasheet HTML 1Page - Advanced Monolithic Systems AMS431LAL Datasheet HTML 2Page - Advanced Monolithic Systems AMS431LAL Datasheet HTML 3Page - Advanced Monolithic Systems AMS431LAL Datasheet HTML 4Page - Advanced Monolithic Systems AMS431LAL Datasheet HTML 5Page - Advanced Monolithic Systems AMS431LAL Datasheet HTML 6Page - Advanced Monolithic Systems AMS431LAL Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS431L
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0.0
1.0
2.0
3.0
3.5
0.01
0.1
1
Stability Boundary Condition
2.5
0.001
LOAD CAPACITANCE (
µF)
1.5
0.5
10
R2
R1
I
Z
C
L
+
-
Stability Circuit
T
A =25° C
V
Z = VREF
V
Z = 2V
Stable
Stable
-20
10
40
70
80
1k
10k
100k
1000k
Small Signal Gain and Phase Shift
vs. Frequency
-10
50
100
FREQUENCY (Hz)
20
60
30
0
-180
-225
-270
-315
-360
8.25k
15k
I
Z
10
µF
+
-
Small Signal Gain and Phase Shift
Test Circuit
232
OUT
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com