Electronic Components Datasheet Search
  English  ▼

X  

SC603 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC603
Description  CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC603 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC603 Datasheet HTML 3Page - Semtech Corporation SC603 Datasheet HTML 4Page - Semtech Corporation SC603 Datasheet HTML 5Page - Semtech Corporation SC603 Datasheet HTML 6Page - Semtech Corporation SC603 Datasheet HTML 7Page - Semtech Corporation SC603 Datasheet HTML 8Page - Semtech Corporation SC603 Datasheet HTML 9Page - Semtech Corporation SC603 Datasheet HTML 10Page - Semtech Corporation SC603 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
 2004 Semtech Corp.
www.semtech.com
SC603
POWER MANAGEMENT
Typical Characteristics
Efficiency vs. Line Voltage
40.0%
45.0%
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
3.000
3.200
3.400
3.600
3.800
4.000
4.200
5V, 150mA Output
4.5V, 200mA Output
Efficiency vs. Load
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
Load Current [mA]
5V Output, 3.8V Input
5V Output, 3.2V Input
4.5V Output, 3.8V Input
4.5V Output, 3.2V Input
Load Regulation
4.300
4.400
4.500
4.600
4.700
4.800
4.900
5.000
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
Load Current [mA]
5V Output, 3.8V Input
4.5V Output, 3.8V Input
5V Output, 3.2V Input
4.5V Output, 3.2V Input
Line Regulation
4.200
4.300
4.400
4.500
4.600
4.700
4.800
4.900
5.000
3.000
3.500
4.000
4.500
5.000
5.500
6.000
Input Voltage [V]
5V, 150mA Output
4.5V, 200mA Output
Efficiency vs. Input Voltage
Load Regulation
Efficiency vs. Load Current
Line Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com