Electronic Components Datasheet Search
  English  ▼

X  

SC4519 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4519
Description  600kHz, 3A Step-Down Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4519 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4519 Datasheet HTML 1Page - Semtech Corporation SC4519 Datasheet HTML 2Page - Semtech Corporation SC4519 Datasheet HTML 3Page - Semtech Corporation SC4519 Datasheet HTML 4Page - Semtech Corporation SC4519 Datasheet HTML 5Page - Semtech Corporation SC4519 Datasheet HTML 6Page - Semtech Corporation SC4519 Datasheet HTML 7Page - Semtech Corporation SC4519 Datasheet HTML 8Page - Semtech Corporation SC4519 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC4519
600kHz, 3A Step-Down
Switching Regulator
Description
Features
Typical Application Circuit
Applications
Revision: April 18, 2007
The SC4519 is a current mode switching regulator with
an integrated switch, operating at 600kHz with separate
sync and enable functions. The integrated switch allows
for cost effective low power solutions (peak switch current
3 amps). The sync function allows customers to
synchronize to a faster clock in order to avoid frequency
beating in noise sensitive applications. High frequency
of operation allows for very small passive components.
Current mode operation allows for fast dynamic response
and instantaneous duty cycle adjustment as the input
varies (ideal for CPE applications where the input is a
wall plug power).
The low shutdown current makes it ideal for portable
applications where battery life is important.
The SC4519 is a 600kHz switching regulator
synchronizable to a faster frequency from 750kHz to
1.2MHz.
Integrated 3 Amp switch
600kHz frequency of operation
Current mode controller
Synchronizable to higher frequency up to 1.2MHz
6µA low shutdown current
SOIC-8L-EDP Lead-free package. This product is
fully WEEE and RoHS compliant
XDSL modems
CPE equipment
DC-DC point of load applications
Portable equipment
C1
VOUT
D2
D1
R3
C2
L1
Enable
BST
1
IN
2
SW
3
GND
4
EN
5
FB
6
COMP
7
SYNC
8
VIN
C4
C3
SC4519
R1
R2


Similar Part No. - SC4519

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4519HEVB SEMTECH-SC4519HEVB Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4519HEVB SEMTECH-SC4519HEVB Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4519HSETRT SEMTECH-SC4519HSETRT Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
More results

Similar Description - SC4519

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P1686 UTC-P1686 Datasheet
180Kb / 6P
600KHZ, 3A STEP-DOWN CURRENT MDOE SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Monolithic Power System...
MP2377 MPS-MP2377 Datasheet
508Kb / 11P
3A, 21V, 600kHz Step-Down Converter
logo
Semtech Corporation
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
28V 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com