Electronic Components Datasheet Search
  English  ▼

X  

02310HH01TXCF Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 02310HH01TXCF
Description  310, 315 All-Welded “Mini” Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

02310HH01TXCF Datasheet(HTML) 1 Page - Ashcroft, Inc.

  02310HH01TXCF Datasheet HTML 1Page - Ashcroft, Inc. 02310HH01TXCF Datasheet HTML 2Page - Ashcroft, Inc. 02310HH01TXCF Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Allspecifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 310-315_seal_ds_RevD_07-15-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
310, 315 All-Welded “Mini” Diaphragm Seal
of 3
1
FEATURES
No gaskets or bolts
Available with 1⁄8 NPT flushing connection
Designed for use with transducers and
31/2˝ or smaller gauges
TYPICAL USES
Oil and gas
Chemical processes
Process equipment
310
Threaded Seal
SPECIFICATIONS
Connection Style:
310: All-welded
315: All-welded with flushing connection
Process Connection Size: 310: 1/8 to 1 NPT Male, 1/4 or 1/2 NPT Female
315: 1/4 or 1/2 NPT Female
Instrument Connection
Size:
1
/8 or 1/4 NPT Female
Pressure Rating (MAWP): 2,500 psi
Added Tolerance:
±0.5% typical
Wetted Components:
Diaphragm & bottom housing
Non-Wetted Components: Top housing: 316L SS
KEY BENEFITS
• Protects instrumentation in tight spaces
• Eliminates potential leak path with all-welded
construction
• Low fill volume reduces temperature effects
on instrument accuracy
WETTED COMPONENTS
Diaphragm Material
Bottom Housing Material
See ordering code on page 2
See ordering code on page 2
NON-WETTED COMPONENTS
Top Housing
316L SS


Similar Part No. - 02310HH01TXCF

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02310.18.01 GENERAL-02310.18.01 Datasheet
68Kb / 1P
Low-Voltage Landscape Lighting Wire 60쨘C 150 Volts UL
02310.66.01 GENERAL-02310.66.01 Datasheet
68Kb / 1P
Low-Voltage Landscape Lighting Wire 60쨘C 150 Volts UL
02310.67.01 GENERAL-02310.67.01 Datasheet
68Kb / 1P
Low-Voltage Landscape Lighting Wire 60쨘C 150 Volts UL
logo
TE Connectivity Ltd
023100007 TEC-023100007 Datasheet
68Kb / 1P
RC510 markers
logo
ATGBICS by Approved Tec...
02310MNW-C ATGBICS-02310MNW-C Datasheet
375Kb / 10P
02310MNW Huawei Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - 02310HH01TXCF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
Ohmite Mfg. Co.
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
All-welded construction
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
All-welded construction
logo
Laird Tech Smart Techno...
800 LSTD-800 Datasheet
415Kb / 1P
All-welded unit construction
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
All-welded construction
logo
Willow Technologies Ltd
134 WILLOW-134 Datasheet
142Kb / 6P
All welded construction
logo
Ohmite Mfg. Co.
20SERIES OHMITE-20SERIES Datasheet
328Kb / 2P
All-welded construction.
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
All-welded construction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com