Electronic Components Datasheet Search
  English  ▼

X  

AMS222 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS222
Description  COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS222 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS222 Datasheet HTML 1Page - Advanced Monolithic Systems AMS222 Datasheet HTML 2Page - Advanced Monolithic Systems AMS222 Datasheet HTML 3Page - Advanced Monolithic Systems AMS222 Datasheet HTML 4Page - Advanced Monolithic Systems AMS222 Datasheet HTML 5Page - Advanced Monolithic Systems AMS222 Datasheet HTML 6Page - Advanced Monolithic Systems AMS222 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS222
TYPICAL CHARACTERISTICS (continued)
1.0
0.5
0
-0.5
-1.0
-40
-15
-10
50
100
125
VCC = 3.3V
TEMPERATURE (ºC)
12.5KW
FREQUENCY ERROR
vs. TEMPERATURE (FROM +25ºC)
1
10
100
1000
1
2
3
4
5
6
FSET Resistor
OUTPUT FREQUENCY vs. R-FSET
TYPICAL APPLICATION CIRCUIT
AMS222 used as Clock Signal to Synchronize two Switching Regulators
PRODUCT DESCRIPTION
AMS222 is a silicon clock generator with complementary output, programmable frequency using a single resistor from 10KHz to
6MHz.
The Output B is 180º phase from Output A, and the signals do not overlap does allow to drive critical circuits where break-before-
make is very important. It operates from as low as 2.7V to high 15V consuming just 1.2mA of power. The output drive is capable
to drive capacitive loads up to 50pF and resistive loads up to 3mA. The high stability of the output frequency and it’s immunity to
supply variation is due to internal temperature compensated voltage reference. Having a good power supply rejection ratio, the
device works very well in electrically noisy environments. The only critical element is the Fset resistor that should be placed as
close as possible to the package to avoid parasitic capacitance and PCB traces cross-talk.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com