Electronic Components Datasheet Search
  English  ▼

X  

SH3000UM Datasheet(PDF) 21 Page - Semtech Corporation

Part # SH3000UM
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000UM Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SH3000UM Datasheet HTML 17Page - Semtech Corporation SH3000UM Datasheet HTML 18Page - Semtech Corporation SH3000UM Datasheet HTML 19Page - Semtech Corporation SH3000UM Datasheet HTML 20Page - Semtech Corporation SH3000UM Datasheet HTML 21Page - Semtech Corporation SH3000UM Datasheet HTML 22Page - Semtech Corporation SH3000UM Datasheet HTML 23Page - Semtech Corporation SH3000UM Datasheet HTML 24Page - Semtech Corporation SH3000UM Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
21
SH3003
POWER MANAGEMENT
Interrupt and Serial Interface (continued)
Application Information (continued)
Interrupt Interface
The serial communications line to the SH3003 (Pin 14, IO/Int) also serves as the interrupt to the host microcontroller.
The polarity of the interrupt is software programmable using the interrupt polarity bit (bit 6) of the IPol_RCtune register
(R0x11). This pin is asserted for four cycles of CLKout, and then returns to the inactive state.
The interrupt line is used by the Periodic Interrupt/Wake-up Timer to interrupt the host when it reaches its end of
count.
CLKOUT Frequency
Minimum Bit Period
(host synchronous to CLKOUT)
Minimum Bit Period
(host Asynchronous to
CLKOUT)
Maximum Bit Period
16MHz
250ns
3.25μs
63.9μs
8MHz
500ns
6.5μs
127μs
2MHz
2μs26μs511μs
Table 3 - Minimum/Maximum Serial Bit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com