Electronic Components Datasheet Search
  English  ▼

X  

SC4510ITSTR Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4510ITSTR
Description  High Performance Synchronous Buck Controller With Reference Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4510ITSTR Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4510ITSTR Datasheet HTML 8Page - Semtech Corporation SC4510ITSTR Datasheet HTML 9Page - Semtech Corporation SC4510ITSTR Datasheet HTML 10Page - Semtech Corporation SC4510ITSTR Datasheet HTML 11Page - Semtech Corporation SC4510ITSTR Datasheet HTML 12Page - Semtech Corporation SC4510ITSTR Datasheet HTML 13Page - Semtech Corporation SC4510ITSTR Datasheet HTML 14Page - Semtech Corporation SC4510ITSTR Datasheet HTML 15Page - Semtech Corporation SC4510ITSTR Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
© 2004 Semtech Corp.
www.semtech.com
SC4510
POWER MANAGEMENT
For simplicity R
s2 can be omitted and the current limit can
be estimated from
In the application circuit the current feedback signal had
to be halved to account for variations explained above and
ensure that the current limit is at least 20% above nominal
at minimum input.
b) When the required current limit value I
LM is less than
I
LMcp remove Rs1 solve
for R
s and solve
to set the current limit.
Similar steps and equations apply to the current limit setting
and scaling for current sinking mode.
OVERCURRENT PROTECTION AND HICCUP MODE
In addition to the current limit capabilty, SC4510 provides
overcurrent protection in case the convertor output is
shorted to ground. If this fault condition happens, the
controller senses the output voltage via voltage feedback
pin IN-. When the sensed voltage is below 70% of the
normal feedback voltage, the controller shuts down both
top and bottom MOSFETs. At the same time, a current sink
of 1
µA discharges the soft start capacitor C
SS connected
to the SS/EN pin.
When the capacitor is discharged until its voltage reaches
0.4V, the controller initiates the soft start process. If the
short circuit fault persists, the controller shuts down the
convertor again when the voltage across the soft start
capacitor reaches 3.4V. This hiccup process repeats until
the fault condition is removed. Under this situation, it is
important to make sure that the convertor does not fail.
One important parameter is the convertor thermal condition
which is directly related to the effective inductor and
MOSFETs current. The effective currents in inductor and
MOSFETs can be estimated using the following equations.
Application Information (Contd.)
a) The time it takes to discharge the capacitor from 3.4V to
0.4V
In the application circuit, C
SS= 47 nF and tssf is calculated
as 140 mS.
b) The time interval of the soft start process from 0.4V to
3.4V
When C
SS = 47 nF, tssr is calculated as 70 mS.
Notice that during the soft start process, the convertor only
starts switching when the voltage at SS/EN exceeds 1.3V.
Then,
c) The effective operation time interval
This is the interval where the gate drive outputs are active
and current builds up in the inductor.
The effective inductor current is then
It turns out that
ILeff is independent of the soft start
capacitor value and is determined as 0.3I
LMcp. This should
lead to a reasonable thermal condition in the convertor
hiccup operation. Note that
ILeff calculated is not the true
average value of the inductor current since the convertor
is still in the soft start mode during the tsso interval.
.
1
)
4
.
0
4
.
3
(
A
V
C
t
SS
ssf
µ
−
×
=
.
2
)
4
.
0
4
.
3
(
A
V
C
t
SS
ssr
µ
−
×
=
.
2
)
3
.
1
4
.
3
(
A
V
C
t
SS
sso
µ
−
×
=
.
ssr
ssf
sso
LMcp
Leff
t
t
t
I
I
+
=
mV
V
R
R
R
I
o
s
s
eq
LM
75
3
=
+
eq
s
s
R
L
C
R
=
1
1
75
s
R
s
R
s
R
eq
LM
mV
R
I
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com