Electronic Components Datasheet Search
  English  ▼

X  

SC483 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC483
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC483 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC483 Datasheet HTML 3Page - Semtech Corporation SC483 Datasheet HTML 4Page - Semtech Corporation SC483 Datasheet HTML 5Page - Semtech Corporation SC483 Datasheet HTML 6Page - Semtech Corporation SC483 Datasheet HTML 7Page - Semtech Corporation SC483 Datasheet HTML 8Page - Semtech Corporation SC483 Datasheet HTML 9Page - Semtech Corporation SC483 Datasheet HTML 10Page - Semtech Corporation SC483 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC483
POWER MANAGEMENT
X3
OV
TON2 (9)
REF + 16%
TON1 (23)
MONITOR
PWM
PWM
+
-
+
-
TOFF
EN/SPV1 (22)
FB2 (12)
1.5V REF
VCCA1 (25)
TON
VSSA2 (14)
OFF
ISENSE
BST1 (7)
LOGIC
REF - 30%
UV
HI
VOUT2 (10)
OT
DH1 (6)
ILIM2 (18)
POR / SS
LX1 (5)
EN/SPV2 (8)
ON
LO
ISENSE
ILIM1 (4)
OFF
REF - 30%
OC
VDDP1 (3)
LO
PGD2 (13)
UV
ON
VDDP2 (17)
DL1 (2)
ZERO I
DH2 (20)
VCCA2 (11)
CONTROL
PGND1 (1)
CONTROL
PGND2 (15)
LOGIC
MONITOR
POR / SS
VSSA1 (28)
FAULT
REF + 16%
TOFF
LX2 (19)
OC
OT
OV
ZERO I
DL2 (16)
FAULT
1.5V REF
PGD1 (27)
TON
X3
FB1 (26)
REF - 10%
HI
REF - 10%
VOUT1 (24)
BST2 (21)
DSCHG1
DSCHG1
DSCHG2
DSCHG2
1
2
2
1
FIGURE 1.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com