Electronic Components Datasheet Search
  English  ▼

X  

BES017M Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES017M
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES017M Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES017M Datasheet HTML 1Page - Balluff Korea Ltd. BES017M Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Cam Switches
BES 516-161-H3-L
Order Code: BES017M
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-01
Subject to change without notice: 279625
ETIM 6.0: EC000030
BES017M_0.78_2024-10-01
2 / 2
Material
Housing material
Aluminium, Anodized
Housing material, surface protection
Anodized
Material sensing surface
PA 12
Mechanical data
Connection cross-section
2.5 mm²
Dimension
74 x 28 x 60.5 mm
Installation
for flush mounting
Tightening torque
3…4 Nm (M16x1.5)
Tightening torque clamping screw
0.8 Nm
Range/Distance
Assured operating distance Sa
1. Switch position: 5.6 mm
Hysteresis H max. (% of Sr)
15.0 %
Range
7 mm
Rated operating distance Sn
1. Switch position: 7 mm
Real switching distance sr
7 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Remarks
Recommendation: After a short circuit check the device for proper function.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams (Schematic)
1) For SCP see electrical data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com