Electronic Components Datasheet Search
  English  ▼

X  

SC1480ITSTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1480ITSTRT
Description  DDR Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480ITSTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC1480ITSTRT Datasheet HTML 1Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 2Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 3Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
 2006 Semtech Corp.
www.semtech.com
SC1480
POWER MANAGEMENT
Pin Configuration
Ordering Information
Pin Descriptions
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
P
R
T
S
T
I
0
8
4
1
C
S4
1
-
P
O
S
S
T
T
R
T
S
T
I
0
8
4
1
C
S
)
2
(
4
1
-
P
O
S
S
T
B
V
E
0
8
4
1
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
I
F
E
R
.r
e
ff
u
b
e
c
n
e
r
e
f
e
r
d
n
a
S
P
M
S
e
l
b
a
s
i
d
o
t
d
n
u
o
r
g
o
t
e
i
T
.t
u
p
n
i
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
x
E
2N
O
T
.
y
l
p
p
u
s
t
u
p
n
i
e
h
t
o
t
r
o
t
s
i
s
e
r
s
e
ir
e
s
a
i
v
T
E
F
S
O
M
r
e
p
p
u
f
o
e
m
it
-
n
o
s
t
e
S
.t
u
p
n
i
t
e
s
e
m
it
-
n
O
3T
U
O
F
E
R.
A
m
3
e
c
r
u
o
s
n
a
C
.
n
i
p
t
u
p
t
u
o
e
c
n
e
r
e
f
e
R
4A
C
C
V
.
V
5
+
o
t
r
e
tl
if
C
R
a
h
g
u
o
r
h
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
g
o
l
a
n
a
e
h
t
r
o
f
t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
S
5K
B
F
.
e
g
a
tl
o
v
t
u
p
t
u
o
t
c
e
l
e
s
o
t
S
P
M
S
f
o
t
u
p
t
u
o
t
a
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
m
o
r
f
t
c
e
n
n
o
C
.t
u
p
n
i
k
c
a
b
d
e
e
F
6D
O
O
G
P
r
e
w
o
p
g
n
i
w
o
ll
o
f
y
a
l
e
d
e
l
c
y
c
k
c
o
l
c
d
e
x
if
a
r
e
tf
a
h
g
i
h
s
e
o
G
.t
u
p
t
u
o
S
O
M
N
n
i
a
r
d
n
e
p
o
d
o
o
G
r
e
w
o
P
.
p
u
7D
N
G
A.
d
n
u
o
r
g
g
o
l
a
n
A
8D
N
G
P.
d
n
u
o
r
g
r
e
w
o
P
9L
D.
h
c
ti
w
s
T
E
F
S
O
M
e
d
i
s
w
o
l
e
h
t
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
0
1P
D
D
V
.
S
P
M
S
e
l
b
a
s
i
d
o
t
d
n
u
o
r
g
o
t
e
i
T
.
s
r
e
v
ir
d
e
t
a
g
e
h
t
r
o
f
t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
s
V
5
+
1
1M
I
L
I
r
o
f
e
c
r
u
o
s
e
h
t
r
o
g
n
i
s
n
e
s
)
n
o
(
S
D
R
r
o
f
T
E
F
S
O
M
e
d
i
s
-
w
o
l
f
o
n
i
a
r
d
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
ti
m
il
t
n
e
r
r
u
C
e
r
o
m
r
o
f
n
o
it
c
e
s
s
n
o
it
a
c
il
p
p
a
e
e
S
.r
o
t
s
i
s
e
r
g
n
i
s
n
e
s
d
l
o
h
s
e
r
h
t
a
h
g
u
o
r
h
t
g
n
i
s
n
e
s
r
o
t
s
i
s
e
r
.
n
o
it
a
m
r
o
f
n
i
2
1X
L.
n
o
it
c
e
n
n
o
c
r
o
t
c
u
d
n
i
e
d
o
n
g
n
i
h
c
ti
w
S
3
1H
D.
h
c
ti
w
s
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
4
1T
S
B.
e
v
ir
d
e
t
a
g
e
d
i
s
h
g
i
h
e
h
t
r
o
f
n
o
it
c
e
n
n
o
c
r
o
ti
c
a
p
a
c
t
s
o
o
B
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
1
2
3
4
5
6
7
BST
REFIN
TOP VIEW
(14 Pin TSSOP)
13
12
14
11
10
DH
TON
LX
REFOUT
ILIM
VCCA
VDDP
FBK
DL
PGOOD
PGND
AGND
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com