Electronic Components Datasheet Search
  English  ▼

X  

SC1408 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1408
Description  Low Voltage, Boost DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1408 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1408 Datasheet HTML 4Page - Semtech Corporation SC1408 Datasheet HTML 5Page - Semtech Corporation SC1408 Datasheet HTML 6Page - Semtech Corporation SC1408 Datasheet HTML 7Page - Semtech Corporation SC1408 Datasheet HTML 8Page - Semtech Corporation SC1408 Datasheet HTML 9Page - Semtech Corporation SC1408 Datasheet HTML 10Page - Semtech Corporation SC1408 Datasheet HTML 11Page - Semtech Corporation SC1408 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1408
Typical Application Circuit (Cont.)
Fig.1: Typical Application - Boost Configuration
D1
B130T
L1 22uH
C9
See Text
U1
SC1408CS
8
1
2
3
4
5
6
7
ISENSE
GATE
BST
FB
EN
REF
AGND
GND
+
C3
100uF
+
C8
100uF
R3
See Table
Vin to 16.5V OUT
R2
0.1Ohm
Q1
IRLR024N
R4
10.0k
C5
0.1uF
+
C2
100uF
1.8V-16.5V IN
Coilcraft DO3316P-223
Fig.2: Typical Application - Buck/Boost (SEPIC) Configuration
D1
B130T
R2
0.1Ohm
R3
See Table
+
C8
100uF
D2 1N4148
Q1
IRLL3303
L1A 22uH
1
2
R4
10.0k
C9
See Text
0V TO (16.5V-Vin) OUT
L1B
22uH
4
3
C5
0.1uF
1.8V TO 5V IN
U1
SC1408CS
8
1
2
3
4
5
6
7
ISENSE
GATE
BST
FB
EN
REF
AGND
GND
C4
0.1uF
+
C2
100uF
+
C3
100uF
L1A/L1B IS COUPLED INDUCTOR
PULSE PE-53718 OR
EQUIVALENT
+
C1
100uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com