Electronic Components Datasheet Search
  English  ▼

X  

SC1301A Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1301A
Description  2A High Speed Low-Side MOSFET Driver in SOT-23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1301A Datasheet(HTML) 6 Page - Semtech Corporation

  SC1301A Datasheet HTML 1Page - Semtech Corporation SC1301A Datasheet HTML 2Page - Semtech Corporation SC1301A Datasheet HTML 3Page - Semtech Corporation SC1301A Datasheet HTML 4Page - Semtech Corporation SC1301A Datasheet HTML 5Page - Semtech Corporation SC1301A Datasheet HTML 6Page - Semtech Corporation SC1301A Datasheet HTML 7Page - Semtech Corporation SC1301A Datasheet HTML 8Page - Semtech Corporation SC1301A Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
 2007 Semtech Corp.
www.semtech.com
SC1301A/B
PRELIMINARY
POWER MANAGEMENT
Thermal Information
The lifetime and performance of a driver is basically de-
termined by the drive power requirements of the load,
the thermal characteristics of the driver package and its
cooling method. The driver’s junction temperature must
be kept within the rated limit at all times. The application
system has to effectively remove the heat generated in
the driver in order for proper functions and performance.
If the junction temperature reaches 150oC, the internal
protection circuit will be triggered to shut down the gate
driver.
As shown in the power derating table, the SC1301A/B
has a power limit of 385mW when the ambient tempera-
ture is less than 25oC. As the ambient temperature
reaches 85oC, the allowed maximum power dissipation
for the driver will be 154mW. When the ambient tem-
perature is somewhere between 25oC and 85oC, the
power dissipation for the driver should be derated ac-
cording to the table. For each degree increasing of the
ambient temperature, 3.85mW decreasing should be
applied to the driver power dissipation. Possible cooling
methods may include using big pads, natural air-cooling
by a careful layout and forced air-cooling if necessary.
Applications Information (Cont.)
e
l
b
a
T
g
n
i
t
a
r
e
D
r
e
w
o
P
T
A
C
°
5
2
=
<r
o
t
c
a
F
g
n
i
t
a
r
e
DT
A
C
°
5
8
=
W
m
5
8
3C
°
/
W
m
5
8
.
3W
m
4
5
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com