Electronic Components Datasheet Search
  English  ▼

X  

SC4601 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4601
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4601 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4601 Datasheet HTML 2Page - Semtech Corporation SC4601 Datasheet HTML 3Page - Semtech Corporation SC4601 Datasheet HTML 4Page - Semtech Corporation SC4601 Datasheet HTML 5Page - Semtech Corporation SC4601 Datasheet HTML 6Page - Semtech Corporation SC4601 Datasheet HTML 7Page - Semtech Corporation SC4601 Datasheet HTML 8Page - Semtech Corporation SC4601 Datasheet HTML 9Page - Semtech Corporation SC4601 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
 2006 Semtech Corp.
www.semtech.com
SC4601
POWER MANAGEMENT
Typical Characteristics
Oscillator Internal Accuracy
vs
Input Voltage
286
288
290
292
294
296
2.53
3.544.5
5
5.5
Vcc (V)
TA = 25°C
Oscillator Internal Accuracy
vs
Temperature
292.8
293.0
293.2
293.4
293.6
293.8
294.0
294.2
294.4
294.6
-40
-20
0
204060
80
Temperature (°C)
Vcc = 3.3V
Sense Voltage
vs
Input Voltage
801.4
801.6
801.8
802.0
802.2
802.4
802.6
802.8
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Sense Voltage
vs
Temperature
800.0
800.5
801.0
801.5
802.0
802.5
-40
-20
0
204060
80
Temperature (°C)
Vcc = 3.3V
Current Limit Bias Current
vs
Input Voltage
49.4
49.6
49.8
50.0
50.2
50.4
50.6
50.8
51.0
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Current Limit Bias Current
vs
Temperature
45
47
49
51
53
55
-40
-20
0
20406080
Temperature (°C)
Vcc = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com