Electronic Components Datasheet Search
  English  ▼

X  

SC1301B Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1301B
Description  2A High Speed Low-Side MOSFET Driver in SOT-23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1301B Datasheet(HTML) 4 Page - Semtech Corporation

  SC1301B Datasheet HTML 1Page - Semtech Corporation SC1301B Datasheet HTML 2Page - Semtech Corporation SC1301B Datasheet HTML 3Page - Semtech Corporation SC1301B Datasheet HTML 4Page - Semtech Corporation SC1301B Datasheet HTML 5Page - Semtech Corporation SC1301B Datasheet HTML 6Page - Semtech Corporation SC1301B Datasheet HTML 7Page - Semtech Corporation SC1301B Datasheet HTML 8Page - Semtech Corporation SC1301B Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
 2007 Semtech Corp.
www.semtech.com
SC1301A/B
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Pin Configuration
Ordering Information
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
I.r
e
v
ir
d
e
h
t
o
t
l
a
n
g
i
s
t
u
p
n
i
e
l
b
it
a
p
m
o
c
-
L
T
T
.
D
N
G
e
h
t
o
t
T
U
O
e
h
t
s
e
c
r
o
f
w
o
l
c
i
g
o
L
.
C
C
V
e
h
t
o
t
T
U
O
e
h
t
s
e
c
r
o
f
h
g
i
h
c
i
g
o
L
:
A
1
0
3
1
C
S
.
C
C
V
e
h
t
o
t
T
U
O
e
h
t
s
e
c
r
o
f
w
o
l
c
i
g
o
L
.
D
N
G
e
h
t
o
t
T
U
O
e
h
t
s
e
c
r
o
f
h
g
i
h
c
i
g
o
L
:
B
1
0
3
1
C
S
2D
N
G.
d
n
u
o
r
G
3C
C
V
.
w
o
l
d
l
e
h
s
i
T
U
P
T
U
O
e
h
t
,
O
L
V
U
g
n
ir
u
D
.
y
l
p
p
u
s
V
5
.
6
1
+
o
t
V
5
.
4
+
:
y
l
p
p
u
S
4T
U
O.
T
E
F
S
O
M
g
n
i
h
c
ti
w
s
e
h
t
r
o
f
e
v
ir
d
e
t
a
g
t
u
p
t
u
O
5N
E
e
h
t
,
n
e
p
o
tf
e
l
n
e
h
W
.
w
o
l
s
i
T
U
P
T
U
O
e
h
t
,
w
o
l
n
e
v
ir
d
s
i
N
E
e
h
t
n
e
h
W
.l
o
r
t
n
o
c
e
l
b
a
s
i
d
/
e
l
b
a
n
E
.
w
o
l
s
i
T
U
P
T
U
O
r
e
b
m
u
N
t
r
a
Pk
r
a
M
p
o
Te
g
a
k
c
a
P
)
1
(
R
T
K
S
I
A
1
0
3
1
C
S
A
0
J
A5
-
3
2
-
T
O
S
T
R
T
K
S
I
A
1
0
3
1
C
S
)
2
(
R
T
K
S
I
B
1
0
3
1
C
S
B
0
J
A5
-
3
2
-
T
O
S
T
R
T
K
S
I
B
1
0
3
1
C
S
)
2
(
Notes:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
(2) Lead-free product. This product is fully WEEE and
RoHS compliant.
Top View
(SOT-23-5L)
TTL
Input
DRIVER
TTL
Input
IN
EN
GND
SC1301A
PRE
VCC
OUT
BANDGAP
SC1301B
GND
IN
TTL
Input
TTL
Input
EN
PRE
BANDGAP
DRIVER
OUT
VCC
Block Diagrams



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com