Electronic Components Datasheet Search
  English  ▼

X  

HT48RA1 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48RA1
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA1 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48RA1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.0
¾
5.5
V
IDD1
Operating Current
3V
No load, fSYS=4MHz
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz
¾
48
mA
ISTB1
Standby Current (WDT Enabled and
WDT RC OSC On)
3V
No load, system HALT
¾
1.1
5
mA
5V
¾
410
mA
ISTB2
Standby Current (WDT Disabled)
3V
No load, system HALT
¾
0.1
1
mA
5V
¾
0.2
2
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾
LVR=2.0V
1.8
1.9
2.0
V
LVR=3.0V
2.7
3.0
3.3
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
HT48RA1/HT48CA1
Rev. 1.30
4
October 12, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com