Electronic Components Datasheet Search
  English  ▼

X  

HT49RV3 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT49RV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RV3 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT49RV3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49RV3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49RV3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49RV3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49RV3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49RV3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49RV3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49RV3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49RV3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Pin Name
I/O
Options
Description
SDO
O
¾
Serial interface serial data output
SCK
I/O
¾
Serial interface serial clock input/output (initial
²input²).
SCS
I/O
¾
Serial interface chip select pin, output for master mode, input for slave mode.
OSC4
OSC3
O
I
RTC or
System Clock
Real time clock oscillators. OSC3 and OSC4 are connected to a 32768Hz
crystal oscillator for timing purposes or to a system clock source (depending
on the options). No built-in capacitor.
VDD
¾¾
Positive power supply
OSC2
OSC1
O
I
Crystal or RC
OSC1 and OSC2 are connected to an RC network or a crystal (by options) for
the internal system clock. For RC operation, OSC2 is an output pin for 1/4
system clock. The system clock may come from the RTC oscillator. If the sys-
tem clock comes from RTCOSC, these two pins can be left floating.
RES
I
¾
Schmitt trigger reset input, active low
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz
2.2
¾
5.5
V
¾ fSYS=8MHz
3.3
¾
5.5
V
VEE
VFD Supply Voltage
¾¾
0
¾
VDD
-30
V
IDD1
Operating Current (Crystal OSC)
3V
No load, VFD off,
fSYS=4MHz
¾
2.0
3.0
mA
5V
¾
5.0
8.0
mA
IDD2
Operating Current (RC OSC)
3V
No load, VFD off,
fSYS=4MHz
¾
1.8
2.7
mA
5V
¾
4.6
7.5
mA
IDD3
Operating Current
(fSYS=32768Hz)
3V
No load, VFD off
¾
1.2
2
mA
5V
¾
47
mA
IDD4
Operating Current (Crystal OSC)
3V
No load, VFD on,
fSYS=4MHz
¾
3.5
4.5
mA
5V
¾
7.5
12
mA
ISTB1
Standby Current (*fS=T1)
3V
No load, system HALT
VFD off at HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(*fS=32768Hz OSC)
3V
No load, system HALT
VFD off at HALT
¾
410
mA
5V
¾
14
20
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
3V
¾
0
¾
0.2VDD
V
5V
HT49RV3/HT49CV3
Rev. 1.30
4
March 20, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com