Electronic Components Datasheet Search
  English  ▼

X  

HT7704 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7704
Description  Touch Dimmer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7704 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7704 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT7704
Touch Dimmer
Pin Assignment
Pad Assignment
Feature
•
Operating voltage: 4~10V
•
High noise immunity CMOS technology
•
High sensitivity and stability
•
Polarity insensitive with AC line
•
Minimal external components required
•
Loading range of sense input from 0 to 1000pf
•
50/60 Hz selectable
•
HT7704A: 3 steps control
HT7704B: 4 steps control
HT7704C: On/off switch
•
8 pin DIP/SOP package
General Description
The HT7704 series are CMOS LSIs in 8-lead DIP
package. They are designed to control the bright-
ness of an incandescent lamp by changing the
triggering angles of the TRIAC with touch sense
input.
HT7704 is a selectable 3-step, 4-step or on/off
switch function dimmer. High sensitivity and
stability account for its eminent performance.
The sense input can sustain very heavy capaci-
tive loading and propagate sense through a
highly resistive line. In addition, the applica-
tion circuit is very simple.
Chip size: 1640
× 1620 (µm)2
* The IC substrate should be connected to VSS
in the PCB layout artwork.
1
27th Dec ’96


Similar Part No. - HT7704

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
HT7700A HOLTEK-HT7700A Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
HT7700B HOLTEK-HT7700B Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
HT7700C HOLTEK-HT7700C Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
HT7700D HOLTEK-HT7700D Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
More results

Similar Description - HT7704

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TT6061A TONTEK-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
TT6061 TONTEK-TT6061 Datasheet
232Kb / 4P
TOUCH DIMMER
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
logo
LSI Computer Systems
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
logo
List of Unclassifed Man...
HK612 ETC1-HK612 Datasheet
64Kb / 1P
TOUCH DIMMER IC
logo
LSI Computer Systems
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
logo
List of Unclassifed Man...
STK58C308 ETC-STK58C308 Datasheet
121Kb / 1P
STK58C308 TOUCH DIMMER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com