Electronic Components Datasheet Search
  English  ▼

X  

04500JS04T Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 04500JS04T
Description  400/500 Threaded All-Welded Diaphragm Seal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

04500JS04T Datasheet(HTML) 2 Page - Ashcroft, Inc.

  04500JS04T Datasheet HTML 1Page - Ashcroft, Inc. 04500JS04T Datasheet HTML 2Page - Ashcroft, Inc. 04500JS04T Datasheet HTML 3Page - Ashcroft, Inc. 04500JS04T Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 400-500_Thread_Seal_ds_RevH_06-28-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
400/500 Threaded All-Welded Diaphragm Seal
of 4
2
ORDERING CODE
Example:
02
4
00
S
S
02T
XCK
HP
Process Connection Size
02 - ¼ NPT Male (400, 500 only)
02
04 - ½ NPT Male (400, 500 only)
06 - ¾ NPT Male (400, 500 only)
08 - 1 NPT Male (400, 500 only)
25 - ¼ NPT Female
50 - ½ NPT Female
75 - ¾ NPT Female
10 - 1 NPT Female
15 - 1½ NPT Female
Diaphragm Seal Type
4 - 400 Series All-welded clamped seal, threaded process connection
4
5 - 500 Series All-welded seal without clamps, threaded process connection
Flushing Port
00 - No flushing port
00
01 - With flushing port
Diaphragm Material
S - 316L Stainless steel
S
H - Hastelloy® C-276
J - Hastelloy® C-22
U - Tantalum
G - Hastelloy® B
P - K-Monel® (only available with Monel® top and lower housing)
Ti - Titanium (only available with a Titanium top and lower housing)
Bottom Housing Material
S - 316L Stainless steel
S
H - Hastelloy® C-276
J - Hastelloy® C-22
M - Monel® (includes Monel® top housing standard)
TI - Titanium (includes Titanium top and housing standard)
Instrument Connection Size
02T - ¼ NPT Female
02T
04T - ½ NPT Female
Options (if choosing an option(s) must include an “X”)
X__
Fill Fluid (see table 2 on page 3 for more available fill fluids)
CG - Glycerin
CK - Silicone SF-96
CK
CF - Halocarbon®
Optional Features (see Table 1 below for option list)
HP - High-pressure clamp rings
HP
When selecting an instrument, refer to the Min/Max Guide for compatibility with this diaphragm seal or scan the QR code to the right.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com