Electronic Components Datasheet Search
  English  ▼

X  

SC2618 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2618
Description  Miniature PWM Controller for Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2618 Datasheet(HTML) 6 Page - Semtech Corporation

  SC2618 Datasheet HTML 1Page - Semtech Corporation SC2618 Datasheet HTML 2Page - Semtech Corporation SC2618 Datasheet HTML 3Page - Semtech Corporation SC2618 Datasheet HTML 4Page - Semtech Corporation SC2618 Datasheet HTML 5Page - Semtech Corporation SC2618 Datasheet HTML 6Page - Semtech Corporation SC2618 Datasheet HTML 7Page - Semtech Corporation SC2618 Datasheet HTML 8Page - Semtech Corporation SC2618 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2618
The output capacitor ESR also causes output voltage tran-
sient VT during a transient load current IT flowing in. To
meet output transient criteria, the ESR value should be:
T
T
ESR
I
V
R
<
To meet both criteria, the smaller one of above two ESRs
is required.
The output capacitor value also contributes to load tran-
sient response. Based on a worst case where the induc-
tor energy 100% dumps to the output capacitor during
the load transient, the capacitance then can be calcu-
lated by:
2
2
T
T
V
I
L
C
⋅
>
Input Capacitor
Input Capacitor
Input Capacitor
Input Capacitor
Input Capacitor
The input capacitor should be chosen to handle the RMS
ripple current of a synchronous buck converter. This value
is given by:
2
2
)
(
)
1
(
IN
o
IN
RMS
I
I
D
I
D
I
−
⋅
+
⋅
−
=
where Io is the load current, IIN is the input average cur-
rent, and D is the duty cycle. Choosing low ESR input
capacitors will help maximize ripple rating for a given size.
Bootstrap Circuit
Bootstrap Circuit
Bootstrap Circuit
Bootstrap Circuit
Bootstrap Circuit
The SC2618 uses an external bootstrap circuit to pro-
vide a voltage at BST pin for the top MOSFET drive. This
voltage is held up by a bootstrap capacitor. Typically, it is
recommended to use a 1uF ceramic capacitor with 25V
rating and a commonly available diode IN4148 for the
bootstrap circuit.
Filter for Vcc Supply Power
Filter for Vcc Supply Power
Filter for Vcc Supply Power
Filter for Vcc Supply Power
Filter for Vcc Supply Power
For the pin of Vcc, it is recommended to use a 1uF/25V
ceramic capacitor for decoupling. In addition, place a
small resistor (10 ohm) in between Vcc pin and the sup-
ply power for noise reduction.
Divider Ratio
Divider Ratio
Divider Ratio
Divider Ratio
Divider Ratio
The top resistor of the voltage divider can be chosen
from 5k to 15k. Then the bottom resistor is found from
top
O
bot
R
V
V
V
R
⋅
−
=
25
.
1
25
.
1
where 1.25V is the internal reference voltage of the
SC2618.
Component Selection (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com