Electronic Components Datasheet Search
  English  ▼

X  

SC900 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC900 Datasheet HTML 15Page - Semtech Corporation SC900 Datasheet HTML 16Page - Semtech Corporation SC900 Datasheet HTML 17Page - Semtech Corporation SC900 Datasheet HTML 18Page - Semtech Corporation SC900 Datasheet HTML 19Page - Semtech Corporation SC900 Datasheet HTML 20Page - Semtech Corporation SC900 Datasheet HTML 21Page - Semtech Corporation SC900 Datasheet HTML 22Page - Semtech Corporation SC900 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
SC900 PWR
R1
150
D3
ENABLE
C2DAT
D2
ARST
C16
1uF
J10
PROGRAM & DEBUG
1
2
3
C13
1uF
J9
EXTERNAL SUPPLY
1
2
U2
C8051F320
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
P0.1
P0.0
GND
D+
D-
VDD
VREGIN
VBUS
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P3.0/C2D
C2CK/RST
INCD
TP7
LDOPGD
R9
100K
INA
C6
2.2uF
J4
LDOD
C11
0.1uF
R16
150
SC900 PWR
C14
1uF
C12
4.7uF
F1
1A
R5
7.5K
TP8
ARST
TP1
AM1
1
C9
1uF
R12
150
SW1
SC900 Power Select
TP9
ENABLE
+5V USB
SC900 PWR
J7
GND
C3
2.2uF
INE
PROBE A
R4
7.5K
INCD
R15
100K
D4
EXTERNAL
D5
USB
J1
LDOA
R17
0
C7
2.2uF
SC900 PWR
PROBE E
C4
2.2uF
Q1
FMMT3904
PROBE C
C15
1uF
TP6
VASEL
R11
100K
PROBE B
R14
100K
R6
100K
BOARD
APPLICATION
I.D.
SC900 PWR
D1
LDOPGD
J5
LDOE
VIN
C5
2.2uF
R8
4.75k
+5V EXTRNAL
INB
INB
TP2
AM2
1
U3
NC7S04
2
4
5
3
1
R2
150
C1
1uF
R3
0
C2CLK
C2
0.1uF
INA
C8
10uF
VIN
R10
150
SC900 PWR
TP3
SCLK
TP4
SDAT
+5V USB
D6
USB BUS
J8
GND
SC900 PWR
J11
USB
1
2
3
4
Q2
FMMT3904
INE
R18
100K (No-Pop)
TP5
A0
R13
150
PROBE D
R7
4.75k
J2
LDOB
J6
VASEL
1
2
C10
0.1uF
U1
SC900
19
3
4
5
6
9
10
11
12
14
1
2
20
16
18
17
15
13
8
7
INA
SDA
SCL
EN
A0
LDOPGD
ARST
VREF
GND
INE
LDOB
INB
LDOA
LDOD
LDOC
INCD
LDOE
VIN
VASEL
DGND
SC900 PWR
J3
LDOC
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com