Electronic Components Datasheet Search
  English  ▼

X  

SC804 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC804
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC804 Datasheet HTML 13Page - Semtech Corporation SC804 Datasheet HTML 14Page - Semtech Corporation SC804 Datasheet HTML 15Page - Semtech Corporation SC804 Datasheet HTML 16Page - Semtech Corporation SC804 Datasheet HTML 17Page - Semtech Corporation SC804 Datasheet HTML 18Page - Semtech Corporation SC804 Datasheet HTML 19Page - Semtech Corporation SC804 Datasheet HTML 20Page - Semtech Corporation SC804 Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
© 2007 Semtech Corp.
www.semtech.com
SC804
PRELIMINARY
POWER MANAGEMENT
VOUT Vcv Line Regulation vs. Load, T = +25°C
VOUT Vcv Line Regulation vs. Load, T = +25°C
4.195
4.200
4.205
4.210
4.215
4.220
5.00
5.20
5.40
5.60
5.80
6.00
6.20
6.40
VIN (V)
Iout = 500mA
Iout = 750mA
Iout = 1000mA
Iout = 1500mA
VOUT Vcv Regulation vs. Temperature,
VCC = 5.0V, Iout = 800mA
IOUT Line Regulation vs. Temperature,
RPRGM = 1.87kΩ
4.195
4.200
4.205
4.210
4.215
4.220
-50
-25
0
25
50
75
100
Ambient Temperature, °C
792
794
796
798
800
802
804
806
808
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
6.25
6.50
6.75
VCC (V)
T = +85°C
T = +25°C
T = -40°C
IOUT vs. IPRGM Resistance, T = +25°C
Precharge & Termination Current vs. ITERM Resistance
400
600
800
1000
1200
1400
1600
0.3
0.5
0.7
0.9
1.1
0
50
100
150
200
250
300
350
400
00.511.5
22.5
Riprgm1/kΩ
Riprgm1/kΩ
Typical Characteristics
4.195
4.200
4.205
4.210
4.215
4.220
500
750
1000
1250
1500
IOUT (mA)
VCC = 5.0V
VCC = 5.5V
VCC = 6.0V
VCC = 6.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com