Electronic Components Datasheet Search
  English  ▼

X  

SC804EVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC804EVB
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804EVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC804EVB Datasheet HTML 13Page - Semtech Corporation SC804EVB Datasheet HTML 14Page - Semtech Corporation SC804EVB Datasheet HTML 15Page - Semtech Corporation SC804EVB Datasheet HTML 16Page - Semtech Corporation SC804EVB Datasheet HTML 17Page - Semtech Corporation SC804EVB Datasheet HTML 18Page - Semtech Corporation SC804EVB Datasheet HTML 19Page - Semtech Corporation SC804EVB Datasheet HTML 20Page - Semtech Corporation SC804EVB Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
VOUT V
CV Line Regulation vs. Load, T = +25°C
VOUT V
CV Load Regulation vs. Line, T = +25°C
VOUT V
CV Regulation vs. Temperature,
VCC = 5.0V, IOUT = 800mA
IOUT Line Regulation vs. Temperature,
RPRGM = 1.87kΩ
IOUT vs. IPRGM Resistance, T = +25°C
Precharge and Termination Current vs.
ITERM Resistance
Typical Characteristics
4.338
4.340
4.342
4.344
4.346
4.348
4.350
4.352
4.354
4.356
500
750
1000
1250
1500
IOUT (mA)
VCC = 5.0V
VCC = 5.5V
VCC = 6.0V
VCC = 6.5V
4.348
4.350
4.352
4.354
4.356
4.358
4.360
-50
-25
0
25
50
75
100
Ambient Temperature, °C
816
820
824
828
832
836
840
5.00
5.25
5.50
5.75
6.00
6.25
6.50
VCC, V
T = +85°C
T = +25°C
T = -40°C
4.338
4.340
4.342
4.344
4.346
4.348
4.350
4.352
4.354
4.356
5.00
5.20
5.40
5.60
5.80
6.00
6.20
6.40
VIN (V)
Iout = 500mA
Iout = 750mA
Iout = 1000mA
Iout = 1500mA
400
600
800
1000
1200
1400
1600
1800
0.3
0.5
0.7
0.9
1.1
1/Riprgm, 1/k
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
400.0
0
0.5
1
1.5
2
2.5
1/RIPRGM, 1/k
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com