Electronic Components Datasheet Search
  English  ▼

X  

SC615A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC615A
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615A Datasheet(HTML) 4 Page - Semtech Corporation

  SC615A Datasheet HTML 1Page - Semtech Corporation SC615A Datasheet HTML 2Page - Semtech Corporation SC615A Datasheet HTML 3Page - Semtech Corporation SC615A Datasheet HTML 4Page - Semtech Corporation SC615A Datasheet HTML 5Page - Semtech Corporation SC615A Datasheet HTML 6Page - Semtech Corporation SC615A Datasheet HTML 7Page - Semtech Corporation SC615A Datasheet HTML 8Page - Semtech Corporation SC615A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC615A
Ordering Information
Pin Configuration
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
I
V.
e
g
a
tl
o
v
t
u
p
n
I
2-
2
C.
2
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
a
g
e
N
3D
N
G.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
c
-
d
n
u
o
r
G
4-
1
C.
1
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
a
g
e
N
5H
S
A
L
F
s
e
d
ir
r
e
v
o
o
s
l
a
d
n
a
h
g
i
h
n
e
h
w
e
d
o
m
h
s
a
l
F
e
v
it
c
a
n
i
e
c
i
v
e
d
e
h
t
s
t
u
p
-
n
i
p
e
l
b
a
n
e
e
d
o
m
h
s
a
l
F
.
L
R
T
C
6T
E
S
I
.r
o
t
s
i
s
e
r
g
n
it
t
e
s
t
n
e
r
r
u
c
e
h
t
d
n
a
e
d
o
h
t
a
c
D
E
L
e
h
t
o
t
t
c
e
n
n
o
c
-
n
i
p
e
c
n
e
r
e
f
e
r
g
n
it
t
e
s
-
t
n
e
r
r
u
C
7L
R
T
C
.
h
g
i
h
n
e
h
w
e
d
o
m
t
h
g
il
t
o
p
S
n
i
t
n
e
r
r
u
c
t
u
p
t
u
o
e
h
t
t
e
s
d
n
a
e
l
b
a
n
e
o
t
d
e
s
u
-
ti
b
t
u
p
n
i
l
o
r
t
n
o
C
8+
1
C.
1
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
i
s
o
P
9T
U
O
V.
n
i
p
t
u
p
t
u
O
0
1+
2
C.
2
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
i
s
o
P
T
l
a
m
r
e
h
T
d
a
P
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
y
ll
a
n
r
e
t
n
i
d
e
t
c
e
n
n
o
c
t
o
n
-
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
s
a
i
v
Pin Descriptions
E
C
I
V
E
DE
G
A
K
C
A
P
T
R
T
L
M
A
5
1
6
C
S
)
1
(
3
x
3
0
1
-
D
P
L
M
)
2
(
B
V
E
A
5
1
6
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Available in tape and reel only. A reel contains 3000 devices.
(2) Available in lead-free package only. This product is fully WEEE
and RoHS compliant.
TOP VIEW
1
2
3
4
10
9
8
7
56
MLP10: 3X3 10 LEAD
T
VIN
C2-
GND
C1-
FLASH
C2+
VOUT
C1+
CTRL
ISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com