Electronic Components Datasheet Search
  English  ▼

X  

UPC2799 Datasheet(PDF) 2 Page - NEC

Part # UPC2799
Description  SIMMIC 50-860 MHz FREQUENCY UPCONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2799 Datasheet(HTML) 2 Page - NEC

  UPC2799 Datasheet HTML 1Page - NEC UPC2799 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PARAMETERS
SYMBOLS
CONDITIONS
MIN
TYP
MAX
UNITS
LO SECTION
LO Tuning Range
LO
700
800
MHz
SSB Phase Noise
10 KHz offset
-85
dBc/Hz
LO Spurious
-40
dBc
RF to LO ISOL
RF-LO
-50
dBm
LO to RF Leak
LO-RF
40
-45
dBm
LO to IF Leak
LO-IF
-20
dBm
LO Buffered Output
-15
dBm
RF AMPLIFIER SECTION
RFINPUTRL
Input RL
w/ external match
10
dB
RF Bandwidth
RFBW
45
900
MHz
RF Flatness
dB
6 MHz BW
-0.3
+0.3
dB
RF Gain Range
3
15
dB
Output IP3
Min Gain
+15
dBm
Noise Figure
Max Gain
6.0
7.0
dB
2/5/97
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE 20 PIN SSOP
Lead Material: Alloy 42
Lead Plating: Lead Tin Alloy\\
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PIN CONNECTIONS:
1.
Mixer (Out1)
2.
Mixer (Out 2)
3.
Vcc (AMP)
4.
GND(AMP)
5.
RF (IN)
6.
GND (IF)
7.
VAGC
8.
Bypass
9.
GND (IF)
10. IF (IN)
20
11
1
10
7.00 MAX
6.4±0.2
4.4±0.1
1.0
0.5±0.2
0.15
1.8 MAX
1.5 ±0.1
0.22
0.65
0.575 MAX
N
+0.10
- 0.05
+0.10
- 0.05
20. VCC (IF)
19. VCC
18. VCC
17. LO OUT
16. LO(B)
15. VCC
14.OSC (E)
13. OCS (B)
12. GND (LO)
11. IF (OUT)
ELECTRICAL CHARACTERISTICS (TA = 25°C)
(1) Indicate whether specification is for internal use only.
*Dependent on external tuning circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com