Electronic Components Datasheet Search
  English  ▼

X  

HT7227 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7227
Description  300mA TinyPowerTM LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7227 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7227 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7227 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7227 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7227 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7227 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7227 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7227 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7227 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7227 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT72XX Series
300mA TinyPowerTM LDO
Selection Table
Part No.
Output Voltage
Tolerance
Package
HT7218
1.8V
±2%
SOT-23
SOT-89
TO-92
HT7225
2.5V
HT7227
2.7V
HT7230
3.0V
HT7233
3.3V
HT7250
5.0V
Block Diagram
Rev. 1.10
1
June 20, 2007
Features
· Output voltage ranges: Fixed range of 1.8V, 2.5V,
2.7V, 3.0V, 3.3V, 5.0V type.
· Highly accuracy: ±2%
· Low voltage drop: 240mV (typ.),
VOUT=5.0V at 300mA
· Maximum Input Voltage: 8V
· Guaranteed output current: 300mA
· Low quiescent current: 5mA (typ.)
· Current limiting
· Over-temperature shutdown
· SOT-23, SOT-89, TO-92 Packages
Applications
· Portable electronics
· Wireless devices
· Cordless phones
· PC peripherals
· Battery powered devices
· Electronic scales
General Description
The HT72XX series of positive, linear regulators fea-
tures low quiescent current (5
mA typ.) with low dropout
voltage, making them ideal for battery applications. The
space-saving SOT-23 package is attractive for
²Pocket²
and
²Hand Held² applications. The devices are capable
of supplying 300mA of output current continuously.
They are available with several fixed output voltages
ranging from 1.8V to 5.0V. Although designed primarily
as fixed voltage regulators, these devices can be used
with external components to obtain variable voltages
and currents.
These rugged devices have Thermal Shutdown and
Current Limiting to prevent device failure under the
²Worst² of operating conditions.
V O U T
V I N
G N D
V r e f
R 1
R 2
A M P
O v e r c u r r e n t
S h u t d o w n
T h e r m a l
S h u t d o w n


Similar Part No. - HT7227

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
HT7231 HOLTEK-HT7231 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
HT7233 HOLTEK-HT7233 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
HT7234 HOLTEK-HT7234 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
HT7245 HOLTEK-HT7245 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
More results

Similar Description - HT7227

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
30V, 250mA TinyPowerTM LDO with Protections
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
30V, 100mA TinyPowerTM LDO with Protections
logo
Mitsumi Electronics, Co...
MM3571 MITSUMI-MM3571 Datasheet
259Kb / 22P
300mA LDO
MM189X MITSUMI-MM189X Datasheet
124Kb / 11P
300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com