Electronic Components Datasheet Search
  English  ▼

X  

HT7830 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7830
Description  500mA TinyPowerTM LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7830 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7830 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7830 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7830 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7830 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7830 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7830 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7830 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7830 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7830 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT78XX Series
500mA TinyPowerTM LDO
Selection Table
Part No.
Output Voltage
Tolerance
Package
HT7818
1.8V
±2%
SOT-89
TO-92
HT7825
2.5V
HT7827
2.7V
HT7830
3.0V
HT7833
3.3V
HT7850
5.0V
Block Diagram
Rev. 1.00
1
March 2, 2007
Features
· Output voltage ranges: Fixed range of 1.8V, 2.5V,
2.7V, 3.0V, 3.3V, 5.0V type.
· Highly accuracy: ±2%
· Low voltage drop: 360mV (typ.),
VOUT=5.0V at 500mA
· Guaranteed output current: 500mA
· Low quiescent current: 5mA (typ.)
· Current limiting
· Over-temperature shutdown
· SOT-89, TO-92 Packages
Applications
· Battery powered systems
· Personal Digital Assistants
· Peripheral cards
· PCMCIA cards
· Personal Communication Equipment
General Description
The HT78XX series of positive, linear regulators fea-
tures low quiescent current (5
mA typ.) with low dropout
voltage, making them ideal for battery applications. The
devices are capable of supplying 500mA of output cur-
rent continuously.
They are available with several fixed output voltages
ranging from 1.8V to 5.0V. Although designed primarily
as fixed voltage regulators, these devices can be used
with external components to obtain variable voltages
and currents.
These rugged devices have Thermal Shutdown and
Current Limiting to prevent device failure under the
²Worst² of operating conditions.
V O U T
V I N
G N D
V r e f
R 1
R 2
A M P
O v e r c u r r e n t
S h u t d o w n
T h e r m a l
S h u t d o w n


Similar Part No. - HT7830

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
HT7830-7 TECHPUBLIC-HT7830-7 Datasheet
2Mb / 5P
500 mA CMOS Linear Regulator
logo
Guangdong Youtai Semico...
HT7830-A UMW-HT7830-A Datasheet
2Mb / 7P
LDO Linear Regulator
More results

Similar Description - HT7830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1534A STMICROELECTRONICS-ST1534A Datasheet
552Kb / 15P
500mA SMART LDO
Apr-2003
logo
Holtek Semiconductor In...
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
30V, 250mA TinyPowerTM LDO with Protections
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
30V, 100mA TinyPowerTM LDO with Protections
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com