Electronic Components Datasheet Search
  English  ▼

X  

HT82J30A Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82J30A
Description  16 Channel A/D MCU with SPI Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82J30A Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82J30A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82J30A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82J30A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82J30A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82J30A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82J30A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82J30A Datasheet HTML 23Page - Holtek Semiconductor Inc HT82J30A Datasheet HTML 24Page - Holtek Semiconductor Inc HT82J30A Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
HT82J30R/HT82J30A
Rev. 1.00
21
December 20, 2006
mentioned in the description.
Two corresponding registers, SBCR and SBDR are
unique to the serial interface and provide control, status,
and data storage.
· SBCR_A, SBCR_B: Serial bus control register
Bit7 (CKS) clock source selection: fSIO=fSYS/4,
select as 0
Bit6 (M1), Bit5 (M0) master/slave mode and baud rate
selection
M1, M0: 00
® MASTER MODE, BAUD RATE= fSIO
01
® MASTER MODE, BAUD RATE= fSIO/4
10
® MASTER MODE, BAUD RATE= fSIO/16
11
® SLAVE MODE
· Bit4 (SBEN) ® serial bus enable/disable (1/0)
¨ Enable: (SCS dependent on CSEN bit)
Disable
® enable: SCK, SDI, SDO, SCS=0
(SCKB=
²0²) and waiting for writing data to SBDR
(TXRX buffer)
Master mode: write data to SBDR (TXRX buffer)
start transmission/reception automatically
Master mode: when the data has been transferred,
set TRF
Slave mode: when an SCK (and SCS dependent on
CSEN) is received, data in the TXRX buffer is
shifted-out and data on SDI is shifted-in.
¨ Disable: SCK (SCK), SDI, SDO, SCS floating
Bit3 (MLS)
® MSB or LSB (1/0) shift first control bit
Bit2 (CSEN)
® serial bus selection signal enable/dis-
able (SCS), when CSEN=0, SCSB is floating.
Bit1 (WCOL)
® this bit is set to 1 if data is written to
the SBDR register (TXRX buffer) when data is
transferred, writing will be ignored if data is written
to SBDR (TXRX buffer) when data is transferred.
Bit0 (TRF)
® data transferred or data received
used to generate an interrupt.
Note: data reception is still in operation when the
MCU enters the Power-down mode.
· SBDR_A, SBDR_B: Serial bus data register
Data written to SBDR
® write data to the TXRX buffer
only
Data read from SBDR
® read from SBDR only
Operating Mode description:
Master transmitter: clock transmission and data I/O
started by writing to SBDR
Master clock transmission initiated by writing to SBDR
Slave transmitter: data I/O started by clock reception
Slave receiver: data I/O started by clock reception
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
S D O _ A , S D O _ B
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
S D I _ A , S D I _ B
S C K _ A , S C K _ B
S C S _ A , S C S _ B
S B C R _ A , S B C R _ B
D E F A U L T
S B D R _ A , S B D R _ B
D E F A U L T
N o t e : " U " m e a n s u n c h a n g e d .
C K S
M 1
M 0
S B E N
M L S
C S E N
W C O L
T R F
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
0
1
1
0
0
0
0
0
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
U
U
U
U
U
U
U
U
S B C R : S E R I A L B U S
C O N T R O L R E G I S T E R
S B D R : S E R I A L B U S
D A T A R E G I S T E R
t C S _ S K
t S P I C K
t C S _ S K
SPI Serial Interface
There are two SPI interfaces, with each interface containing four basic signals and pins. These are SDI (serial data in-
put), SDO (serial data output), SCK (serial clock) and SCS (slave select pin). Note that each of these pin names will be
suffixed with either an A or B to denote which SCI interface is being used, however to minimise repetition, this will not be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com