Electronic Components Datasheet Search
  English  ▼

X  

TMG40C80L Datasheet(PDF) 2 Page - SanRex Corporation

Part # TMG40C80L
Description  full wave AC control applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TMG40C80L Datasheet(HTML) 2 Page - SanRex Corporation

  TMG40C80L Datasheet HTML 1Page - SanRex Corporation TMG40C80L Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex®
TRIAC
TMG40C80L
< Electrical Characteristics >
(Tj= 25
°C unless otherwise noted)
Ratings
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
I DRM
Repetitive Peak Off-state Current
Tj = 125°C, VD = VDRM, Single Phase, Half
wave
5
mA
VTM
Peak On-State Voltage
I T =60A, Instant measurement
1.4
V
I GT1
+
QI
50
mA
I GT1
-
QII
50
mA
I GT3
+
QIV
-
mA
I GT3
-
QIII
Gate Trigger Current
VD = 6V, RL=10Ohm
50
mA
VG T1
+
QI
1.5
V
VG T1
-
QII
1.5
V
VG T3
+
QIV
-
V
VG T3
-
QIII
Gate Trigger Voltage
VD = 6V, RL=10Ohm
1.5
V
VG D
Non-Trigger Gate Voltage
Tj = 125
°C, V
D=1/2VDRM
0.2
V
(dv/dt)c
Critical Rate of Rise of
Commutation Voltage
Tj = 125
°C, V
D=2/3VDRM, (di/dt)c=-20A/ms
10
V/
Fs
I H
Holding Current
30
mA
Rth(j-c)
Thermal Resistance
Junction to case
0.6
°C/W
__________________________________________________________________________________________________
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 Web : www.sanrex.com
Feb. 2006 – 2nd.
* Dimensions in millimeters (1mm=0.0394”)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com