Electronic Components Datasheet Search
  English  ▼

X  

SC905 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC905
Description  CDMA Cellular Phone Power Management IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC905 Datasheet HTML 11Page - Semtech Corporation SC905 Datasheet HTML 12Page - Semtech Corporation SC905 Datasheet HTML 13Page - Semtech Corporation SC905 Datasheet HTML 14Page - Semtech Corporation SC905 Datasheet HTML 15Page - Semtech Corporation SC905 Datasheet HTML 16Page - Semtech Corporation SC905 Datasheet HTML 17Page - Semtech Corporation SC905 Datasheet HTML 18Page - Semtech Corporation SC905 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905
Analog LDO Voltage Table B
The bit code controls the output voltage of each LDO. The LSB size at the output is 50mV. Output voltage can be set
by writing the proper code to the desired LDO register. See Table B for the bitcodes and their corresponding voltages.
TABLE B - Output Voltage Code Bits for LDOs VANA, VTCXO, VTX, VRX, VPLL
X2
X1
X0
LDO Output
Voltage
0
0
0
2.55V
0
0
1
2.60V
0
1
0
2.65V
0
1
1
2.70V
1
0
0
2.75V
1
0
1
2.80V
1
1
0
2.85V
1
1
1
2.90V
The I2C General Specification
The SC905 is a read-write slave-mode I2C device and complies with the Philips I2C standard Version 2.1 dated January,
2000. The SC905 has eight user-accessible internal 8-bit registers. The I2C interface has been designed for program
flexibility, in that once the slave address has been sent to the SC905 enabling it to be a slave transmitter/receiver, any
register can be written or read independently of each other. While there is no auto increment/decrement capability in
the SC905 I2C logic, a tight software loop can be designed to randomly access the next register independent of which
register you begin accessing. The start and stop commands frame the data-packet and the repeat start condition is
allowed if necessary.
SC905 Limitations to the I2C specifications:
Seven bit addressing is used and ten bit addressing is not allowed. Any general call address will be ignored by the SC905.
The SC905 is not CBUS compatible. The SC905 can operate in standard mode (100kbit/s) or fast mode (400kbit/s).
Supported Formats:
Direct Format - Write
The simplest format for an I2C write is given below. After the start condition [S], the slave address is sent, followed
by an eighth bit indicating a write. The SC905 I2C then acknowledges that it is being addressed, and the master re-
sponds with an 8 bit data byte consisting of the register address. The slave acknowledges and the master sends the
appropriate 8 bit data byte. Once again the slave acknowledges and the master terminates the transfer with the stop
condition [P].
Register Map (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com