Electronic Components Datasheet Search
  English  ▼

X  

SC2608 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2608
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2608 Datasheet HTML 4Page - Semtech Corporation SC2608 Datasheet HTML 5Page - Semtech Corporation SC2608 Datasheet HTML 6Page - Semtech Corporation SC2608 Datasheet HTML 7Page - Semtech Corporation SC2608 Datasheet HTML 8Page - Semtech Corporation SC2608 Datasheet HTML 9Page - Semtech Corporation SC2608 Datasheet HTML 10Page - Semtech Corporation SC2608 Datasheet HTML 11Page - Semtech Corporation SC2608 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2608
(6) The final step is to generate the Bode plot by using the
simulation model in Fig. 4 or using the equations provided
here with Mathcad. The phase margin can then be
checked using the Bode plot.
Applications Information (Cont.)
(5) The compensation capacitor is determined by choosing
the compensator zero to be about one fifth of the output
filter corner frequency:
SC2608 soft start time is determined by the
compensation capacitor. Capacitance can be adjusted to
satisfy the soft start requirement.
An example is given below to demonstrate the procedure
introduced above.
set to
for suitable soft start time
Fig. 5. Bode plot of the loop
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
50
0
50
100
Loop Gain Mag (dB)
mag i
()
Fi
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
180
135
90
45
0
Loop Gain Phase (Degree)
phase i
()
Fi
set
5
o
zero
F
F
=
zero
F
R
C
•
=
π
2
1
V
in=12V
V
o=2.5V
F
sw=200KHz
I
o=15A
C
i=1nF
C
o=4400uF
R
c=0.009Ω
V
ramp=1V
G
m=0.007A/V
V
bg=0.8V
C=327.95nF
R
c=1.33KΩ
R
c=1.5KΩ
C=100nF
set to
L=2.2uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com