Electronic Components Datasheet Search
  English  ▼

X  

SC190AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC190AEVB
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC190AEVB Datasheet HTML 1Page - Semtech Corporation SC190AEVB Datasheet HTML 2Page - Semtech Corporation SC190AEVB Datasheet HTML 3Page - Semtech Corporation SC190AEVB Datasheet HTML 4Page - Semtech Corporation SC190AEVB Datasheet HTML 5Page - Semtech Corporation SC190AEVB Datasheet HTML 6Page - Semtech Corporation SC190AEVB Datasheet HTML 7Page - Semtech Corporation SC190AEVB Datasheet HTML 8Page - Semtech Corporation SC190AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
Parameter
Symbol
Conditions
Min
Typ
Max
Units
UVLO Threshold (lower)
V
UVL
2.4
2.5
2.6
V
UVLO Hysteresis
V
UVLHYS
50
mV
Thermal Shutdown
T
HI
145
°
C
Thermal Shutdown
Hysteresis
T
HYSR
10
°C
Logic Input High
VIH
EN, SYNC/PWM, MODE,
VID0, VID1
1.6
V
Logic Input Low
VIL
EN, SYNC/PWM, MODE,
VID0, VID1
0.6
V
Logic Input Current High
I
IH
EN, SYNC/PWM, MODE,
VID0, VID1
-2
0.1
2
µA
Logic Input Current Low
I
IL
EN, SYNC/PWM, MODE,
VID0, VID1
-2
0.1
2
µA
Unless otherwise noted: V
IN = 3.6V, SYNC/PWM = VIN, MODE = GND, EN = VIN, TA = -40 to 85°C. Typical values are at TA = +25°C. This device is ESD sensitive.
Use of standard ESD handling precautions is required.
Notes:
(1) Line regulation is tested with 2.7V < VIN < 5.5V and the following output voltage settings:
· SC190A - 1.8V
· SC190B - 1.8V
· SC190D - 1.4V
(2) Line regulation is tested with 3.7V < VIN < 5.5V and VOUT = 2.6V for the SC190C version. The input voltage range is reduced due to the
higher output voltage settings of the SC190C. This also forces the specification range to grow wider because it is expressed as a percentage
of the input voltage range.
(3) Tested at I
BP = 180mA. Equivalent to IOUT = 300mA at VOUT = 1.8V.
(4) I
Q = IIN - IOUT.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com