Electronic Components Datasheet Search
  English  ▼

X  

SC190BEVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC190BEVB
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190BEVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC190BEVB Datasheet HTML 7Page - Semtech Corporation SC190BEVB Datasheet HTML 8Page - Semtech Corporation SC190BEVB Datasheet HTML 9Page - Semtech Corporation SC190BEVB Datasheet HTML 10Page - Semtech Corporation SC190BEVB Datasheet HTML 11Page - Semtech Corporation SC190BEVB Datasheet HTML 12Page - Semtech Corporation SC190BEVB Datasheet HTML 13Page - Semtech Corporation SC190BEVB Datasheet HTML 14Page - Semtech Corporation SC190BEVB Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
CIN Selection
The source input current to the SC190 buck converter is
a DC supply current with a triangular ripple riding on it.
To prevent large input voltage ripple a low ESR ceramic
capacitor is required. A minimum value of 4.7µF should
be used for sufficient input voltage filtering and a 10µF
MLCC should be used for optimum input voltage filtering.
Input voltage ripple of approximately 1mV can be achieved
when C
IN = 10µF, and the front-end LDO regulator is active
and pre-regulating the input supply to the switching
regulator. (See page 12: Input Voltage Ripple graphs).
COUT Selection
A 10µF ceramic capacitor is recommended for the output
filter capacitor. Output voltage ripple is dominated by the
filter capacitance as shown in the following equation:
Choose an X7R or X5R ceramic dielectric for low ESR and
superior temperature and voltage characteristics. Do not
use Y5V capacitors - their temperature coefficients make
them impractical for this application.
Table 3: Recommended Capacitors
Manufacturer
Part Number
Value
(µF)
Rated Voltage
(VDC)
Type
Case Size
Murata
GRM188R60J475KE19D
4.7
6.3
X5R
0603
Murata
GRM188R60G106ME47D
10
4
X5R
0603
TDK
C1608X5ROG106M
10
4
X5R
0603
Applications Information (Cont.)
)
ESR
(
Cout
)
ripple
(
IL
ripple
_
Vout
•
∆
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com