Electronic Components Datasheet Search
  English  ▼

X  

SC4216 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4216
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4216 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4216 Datasheet HTML 1Page - Semtech Corporation SC4216 Datasheet HTML 2Page - Semtech Corporation SC4216 Datasheet HTML 3Page - Semtech Corporation SC4216 Datasheet HTML 4Page - Semtech Corporation SC4216 Datasheet HTML 5Page - Semtech Corporation SC4216 Datasheet HTML 6Page - Semtech Corporation SC4216 Datasheet HTML 7Page - Semtech Corporation SC4216 Datasheet HTML 8Page - Semtech Corporation SC4216 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.semtech.com
SC4216
Very Low Input /Very Low Dropout
3 Amp Regulator With Enable
POWER MANAGEMENT
POWER MANAGEMENT
Revision: March 29, 2006
The SC4216 is a high performance positive voltage
regulator designed for use in applications requiring very
low Input voltage and very low dropout voltage at up to
3 amperes. It operates with a Vin as low as 1.45V, with
output voltage programmable as low as 0.5V. The SC4216
features ultra low dropout, ideal for applications where Vout
is very close to Vin. Additionally, the SC4216 has an en-
able pin to further reduce power dissipation while shut
down. The SC4216 provides excellent regulation over varia-
tions in line, load and temperature.
The SC4216 is available in an SOIC-8EDP (Exposed Die
Pad) package. The output voltage can be set via an
external divider or to fixed settings of 0.5V and 1.2V
depending on how the FB pin is configured.
Input voltage as low as 1.45V
500mV dropout @ 3A
Adjustable output from 0.5V
Over current and over temperature protection
Enable pin
10µA quiescent current in shutdown
Full industrial temperature range
Available in SOIC-8EDP Lead-free package. This
product is fully WEEE and RoHS compliant
Telecom/Networking cards
Motherboards/Peripheral cards
Industrial applications
Wireless infrastructure
Set top boxes
Medical equipment
Notebook computers
Battery powered systems
Volts
R2
R2)
(R1
0.5
VO
+
=
Description
Features
Applications
Typical Application Circuits
Volts
0.5
VO
=
R1
VO
VIN
C1
R2
C2
U1
SC4216
4
3
2
8
1
5
6
7
NC
VIN
EN
GND
NC
NC
VO
FB
ENABLE
C2
VIN
C1
U1
SC4216
4
3
2
8
1
5
6
7
NC
VIN
EN
GND
NC
NC
VO
FB
ENABLE
VO
Volts
2
.
1
VO
=
VIN
C1
ENABLE
SC4216
1
2
3
5
4
8
7
6
NC
EN
VIN
NC
NC
GND
FB
VO
VO
C2


Similar Part No. - SC4216

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4216 SEMTECH-SC4216 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216EVB SEMTECH-SC4216EVB Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216H SEMTECH-SC4216H Datasheet
987Kb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216HEVB SEMTECH-SC4216HEVB Datasheet
987Kb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216HSETRT SEMTECH-SC4216HSETRT Datasheet
987Kb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results

Similar Description - SC4216

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216H SEMTECH-SC4216H Datasheet
987Kb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002 Datasheet
836Kb / 16P
Very Low Input, Very Low Dropout 3-Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com