Electronic Components Datasheet Search
  English  ▼

X  

SC2545 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC2545
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC2545 Datasheet HTML 13Page - Semtech Corporation SC2545 Datasheet HTML 14Page - Semtech Corporation SC2545 Datasheet HTML 15Page - Semtech Corporation SC2545 Datasheet HTML 16Page - Semtech Corporation SC2545 Datasheet HTML 17Page - Semtech Corporation SC2545 Datasheet HTML 18Page - Semtech Corporation SC2545 Datasheet HTML 19Page - Semtech Corporation SC2545 Datasheet HTML 20Page - Semtech Corporation SC2545 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
ã 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
1) Separate the power ground from the signal ground. In
SC2545 design, use an isolated local ground plane for
the controller and tie it to power grand.
2) Minimize the size of the high pulse current loop. Keep
the top MOSFET, the bottom MOSFET and the input
capacitors within a small area with short and wide
traces. In addition to the aluminum energy storage
capacitors, add multi-layer ceramic (MLC) capacitors
from the input to the power ground to improve high
frequency bypass.
3) Reduce high frequency voltage ringing. Widen and
shorten the drain and source traces of the MOSFETs to
reduce stray inductances. Add a small RC snubber if
necessary to reduce the high frequency ringing at the
phase node. Sometimes slowing down the gate drive
signal also helps in reducing the high frequency ringing at
the phase node if the EMI is a concern for the system.
4) Shorten the gate drive trace. Integrity of the gate
drive (voltage level, leading and falling edges) is important
for circuit operation and efficiency. Short and wide gate
drive traces reduce trace inductances. Bond wire
inductance is about 2~3nH. If the length of the PCB
trace from the gate driver to the MOSFET gate is 1 inch,
the trace inductance will be about 25nH. If the gate drive
current is 2A with 10ns rise and falling times, the voltage
drops across the bond wire and the PCB trace will be
0.6V and 5V respectively. This may slow down the
switching transient of the MOSFET’s. These inductances
may also ring with the gate capacitance.
5) Put the decoupling capacitor for the gate drive power
supplies (BST and PVCC) close to the IC and power
ground.
6) The frequency-setting resistor Rosc should be placed
close to Pin 23. Trace length from this resistor to the
analog ground should be minimized.
7) Place the bias decoupling capacitor right across the
VCC and analog ground AGND.
PC Board Layout Issues
Power Stage
Control Section
Circuit board layout is very important for the proper op-
eration of high frequency switching power converters. A
power ground plane is required to reduce ground bounces.
The followings are suggested for proper layout.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com