Electronic Components Datasheet Search
  English  ▼

X  

SC453EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC453EVB
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC453EVB Datasheet HTML 1Page - Semtech Corporation SC453EVB Datasheet HTML 2Page - Semtech Corporation SC453EVB Datasheet HTML 3Page - Semtech Corporation SC453EVB Datasheet HTML 4Page - Semtech Corporation SC453EVB Datasheet HTML 5Page - Semtech Corporation SC453EVB Datasheet HTML 6Page - Semtech Corporation SC453EVB Datasheet HTML 7Page - Semtech Corporation SC453EVB Datasheet HTML 8Page - Semtech Corporation SC453EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Unless otherwise specified: V
IN = 15V, VCCA = 5V, and V5 = 5V.
NOTES:
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB.
(2) Tested according to JEDEC standard JESD22-A114-B.
Parameter
Symbol
Conditions
Min
Max
Units
Supply Voltages
V
CCA, V5
-0.3
7
V
Input and Output Voltages
VSLPV, V SLP, V VID [0.5], V DAC, V REFIN,
V CMP, V HYS, V CORE, V CL, V CLRF, V PG#,
V BOOTV, V SS, V GND, V BG, V CLSET
-0.3
V
CCA +0.3
V
EN
V
EN
7V
BST to PGND
Static
-0.3
36
V
BST to PGND
Transicent < 100ns
40
V
BST to DRN
-0.3
7
V
DRN to PGND
Static
-2
30
V
DRN to PGND
Transient < 100ns
-5
34
V
TG
T
STG
-2
BST
+0.3
V
PGND to AGND
-0.3
0.3
V
Thermal Resistance
Junction to Ambient
θ
JA
TSSOP-28
70
°C/W
Thermal Resistance
Junction to Case
θ
JC
TSSOP-28
20
°C/W
Lead Temperature
(Soldering) 10s
T
LEAD
TSSOP-28
300
°C
Peak IR Reflow
Temperature 10 - 40s
T
PKG
TSSOP-28
260
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply (V
IN, VCCA, V5)
V
IN Supply
Voltage Range
V
IN
3.0
25
V
V
5 Supply
Voltage Range
V
5
4.3
5.0
6.0
V
V
CCA Voltage Range
V
CCA
4.5
5.0
6.0
V
V
CCA Quiescent Current
I
CCQ
EN is low
10
μA
EN is high in UVLO
400
μA
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com