Electronic Components Datasheet Search
  English  ▼

X  

SC905A Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC905A
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905A Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC905A Datasheet HTML 3Page - Semtech Corporation SC905A Datasheet HTML 4Page - Semtech Corporation SC905A Datasheet HTML 5Page - Semtech Corporation SC905A Datasheet HTML 6Page - Semtech Corporation SC905A Datasheet HTML 7Page - Semtech Corporation SC905A Datasheet HTML 8Page - Semtech Corporation SC905A Datasheet HTML 9Page - Semtech Corporation SC905A Datasheet HTML 10Page - Semtech Corporation SC905A Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
DEVICE
PACKAGE
SC905AMLTRT(1)(2)
MLP 5x5 32L
SC905AEVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is WEEE and
RoHS compliant.
Pin Configuration
Ordering information
TOP VIEW
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
T
IN2
VCORE
IN1
SCL
SDA
HFPWR
ON
VPAD
RESB
PGOOD
BP
VBAT
AGND
VPLL
IN6
VTX
MLPQ32: 5X5 32 Lead
Marking Information
Top Marking
905A
yyww
xxxxxx
xxxxxx
yy = two digit year of manufacture
ww = two digit week of manufacture
xxxxxx = Semtech Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com