Electronic Components Datasheet Search
  English  ▼

X  

SC905AMLTRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC905AMLTRT
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905AMLTRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC905AMLTRT Datasheet HTML 13Page - Semtech Corporation SC905AMLTRT Datasheet HTML 14Page - Semtech Corporation SC905AMLTRT Datasheet HTML 15Page - Semtech Corporation SC905AMLTRT Datasheet HTML 16Page - Semtech Corporation SC905AMLTRT Datasheet HTML 17Page - Semtech Corporation SC905AMLTRT Datasheet HTML 18Page - Semtech Corporation SC905AMLTRT Datasheet HTML 19Page - Semtech Corporation SC905AMLTRT Datasheet HTML 20Page - Semtech Corporation SC905AMLTRT Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
The I2C General Specification
The SC905A is a read-write slave-mode I2C device and complies with the Philips I2C standard Version 2.1 dated January,
2000. The SC905A has eight user-accessible internal 8-bit registers. The I2C interface has been designed for program
flexibility, in that once the slave address has been sent to the SC905A enabling it to be a slave transmitter/receiver, any
register can be written or read independently of each other. While there is no auto increment/decrement capability in
the SC905A I2C logic, a tight software loop can be designed to randomly access the next register independent of which
register you begin accessing. The start and stop commands frame the data-packet and the repeat start condition is
allowed if necessary.
SC905A Limitations to the I2C Specifications
Seven bit addressing is used and ten bit addressing is not allowed. Any general call address will be ignored by the
SC905A. The SC905A is not CBUS compatible. The SC905A can operate in standard mode (100kbit/s) or fast mode
(400kbit/s).
Supported Formats
Direct Format - Write
The simplest format for an I2C write is given below. After the start condition [S], the slave address is sent, followed
by an eighth bit indicating a write. The SC905A I2C then acknowledges that it is being addressed, and the master
responds with an 8-bit data byte consisting of the register address. The slave acknowledges and the master sends
the appropriate 8-bit data byte. Once again the slave acknowledges and the master terminates the transfer with the
stop condition [P].
Combined Format - Read
After the start condition [S], the slave address is sent, followed by an eighth bit indicating a write. The SC905A I2C then
acknowledges that it is being addressed, and the master responds with an 8-bit data byte consisting of the register
address. The slave acknowledges and the master sends the repeated start condition [Sr]. Once again, the slave
address is sent, followed by an eighth bit indicating a read. The slave responds with an acknowledge and the previously
addressed 8-bit data byte; the master then sends a non-acknowledge (NACK). Finally, the master terminates the
transfer with the stop condition [P].
Slave Address
Register Address
Data
SW A
AA P
S: Start Condition
Slave Address: 7-bit
W: Write = ‘0’
Register Address: 8-bit
A: Acknowledge (sent by slave)
Data: 8-bit
P: Stop condition
I
2C Direct Format - Write
Using the I2C Serial Port
Slave Address
Register Address
Slave Address
Data
NACK
S
WA
A Sr
R A
P
S: Start Condition
Slave Address: 7-bit
W: Write = ‘0’
Register Address: 8-bit
R: Read = ‘1’
Data: 8-bit
A: Acknowledge (sent by slave)
NACK: Non-Acknowledge (sent by master)
Sr: Repeated Start Condition
P: Stop condition
I
2C Combined Format- Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com