Electronic Components Datasheet Search
  English  ▼

X  

M48T201V Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T201V
Description  5.0 or 3.3V TIMEKEEPER짰 supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 1 Page - STMicroelectronics

  M48T201V Datasheet HTML 1Page - STMicroelectronics M48T201V Datasheet HTML 2Page - STMicroelectronics M48T201V Datasheet HTML 3Page - STMicroelectronics M48T201V Datasheet HTML 4Page - STMicroelectronics M48T201V Datasheet HTML 5Page - STMicroelectronics M48T201V Datasheet HTML 6Page - STMicroelectronics M48T201V Datasheet HTML 7Page - STMicroelectronics M48T201V Datasheet HTML 8Page - STMicroelectronics M48T201V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
September 2007
Rev 5
1/35
1
M48T201Y
M48T201V
5.0 or 3.3V TIMEKEEPER® supervisor
Features
■ Converts low power SRAM into NVRAMs
■ Year 2000 compliant
■ Battery low flag
■ Integrated real time clock, power-fail control
circuit, battery and crystal
■ Watchdog timer
■ Choice of write protect voltages
(VPFD = Power-fail Deselect Voltage):
–M48T201Y: VCC = 4.5 to 5.5V
4.1V
≤ VPFD ≤ 4.5V
–M48T201V: VCC = 3.0 to 3.6V
2.7V
≤ VPFD ≤ 3.0V
■ Microprocessor power-on reset (valid even
during battery back-up mode.)
■ Programmable alarm output active in the
battery backed-up mode
■ Packaging includes a 44-lead SOIC and
SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a
SNAPHAT® top which contains the battery and
crystal
■ RoHS compliant
– Lead-free second level interconnect
44
1
SOH44 (MH)
44-pin SOIC
SNAPHAT (SH)
Crystal/Battery
www.st.com


Similar Part No. - M48T201V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201V STMICROELECTRONICS-M48T201V Datasheet
477Kb / 33P
3.3V-5V TIMEKEEPER CONTROLLER
2004-Sep
M48T201V STMICROELECTRONICS-M48T201V Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
M48T201V-70MH1 STMICROELECTRONICS-M48T201V-70MH1 Datasheet
477Kb / 33P
3.3V-5V TIMEKEEPER CONTROLLER
2004-Sep
M48T201V-70MH1 STMICROELECTRONICS-M48T201V-70MH1 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
M48T201V-70MH1E STMICROELECTRONICS-M48T201V-70MH1E Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
More results

Similar Description - M48T201V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T248Y STMICROELECTRONICS-M48T248Y Datasheet
306Kb / 24P
5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
Rev. 2.0
M48T35AY STMICROELECTRONICS-M48T35AY_04 Datasheet
508Kb / 25P
5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
Apr-2004
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
21-Nov-2007
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
09-Jun-2010
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com