Electronic Components Datasheet Search
  English  ▼

X  

HT82K96E Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82K96E
Description  USB Multimedia Keyboard Encoder 8-Bit OTP MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K96E Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82K96E_07 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
ROM Code
Option
Description
PA0~PA5
PA6/TMR0
PA7/TMR1
I/O
Pull-low
Pull-high
Wake-up
CMOS/NMOS/PMOS
Bidirectional 8-bit input/output port. Each bit can be configured as a
wake-up input by ROM code option. The input or output mode is con-
trolled by PAC (PA control register).
Pull-high resistor options: PA0~PA7
Pull-low resistor options: PA0~PA5
CMOS/NMOS/PMOS options: PA0~PA7
Wake up options: PA0~PA7
PA6 and PA7 are pin-shared with TMR0 and TMR1 input, respectively.
PA0~PA5 can be used as USB mouse X1, X2, Y1, Y2, Z1, Z2 input for
mouse hardware wake-up function
PA6, PA7 can be used as USB mouse button input for mouse hardware
wake-up function
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB4/AN4
PB5/AN5
PB6/VRL
PB7/VRH
I/O
Pull-high
Analog input
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined
by pull-high options).
The PB can be used as analog input of the analog to digital converter
(determined by options).
PB6, PB7 can be used as USB mouse button input for mouse Hardware
wake-up function
PD0~PD7
I/O
Pull-high
Bidirectional I/O lines. Software instructions determine the CMOS out-
put or Schmitt trigger input with pull-high resistor (determined by 1-bit
pull-high option).
PD4 can be used as USB mouse button input for mouse hardware
wake-up function
HT82K96E
Rev. 2.00
3
October 11, 2007
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
H T 8 2 K 9 6 E
4 8 S S O P - A
P C 6
P C 7
P A 4
P A 5
P A 6 / T M R 0
P A 7 / T M R 1
N C
N C
N C
N C
P D 3
P D 2
P D 1
P D 0
O S C 1
O S C 2
R E S
V S S
P B 7 / V R H
P B 6 / V R L
P B 5 / A N 5
P B 4 / A N 4
P B 3 / A N 3
P B 2 / A N 2
P C 5
P C 4
P A 3
P A 2
P A 1
P A 0
P C 0
P C 1
P C 2
P C 3
N C
N C
N C
N C
P D 4
P D 5
P D 6
P D 7
V D D
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
P B 0 / A N 0
P B 1 / A N 1
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 8 2 K 9 6 E
2 8 S O P - A
P C 3
V D D
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
P B 0 / A N 0
P B 1 / A N 1
P B 2 / A N 2
P B 3 / A N 3
P B 4 / A N 4
P B 5 / A N 5
P B 6 / V R L
P B 7 / V R H
V S S
P C 2
P C 0
P A 0
P A 1
P A 2
P A 3
P C 4
P A 4
P A 5
P A 6 / T M R 0
P A 7 / T M R 1
O S C 1
O S C 2
R E S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com