Electronic Components Datasheet Search
  English  ▼

X  

HT82M35X Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82M35X
Description  3/5-Key 3D PS/2 Optical Mouse Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M35X Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82M35X Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M35X Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M35X Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M35X Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M35X Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M35X Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M35X Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pin Description
Pin Name
I/O
Description
RB, RO, LB
I
Right Button: Normal pull-high resistor (30k
W)
Rolling Button: Normal pull-high resistor (30k
W)
Left Button: Normal pull-high resistor (30k
W)
Z2/A, Z1/B
I
²Z² axis input supports three kinds of scroller input
Normal pull-high resistor (30k
W)
RB1, RB0
I
Input ports with 30k
W pull-high resistor
SDIO
I/O Serial data for Agilent sensor IC SDIO
SCLK
O
Serial data for Agilent sensor IC SCLK
VSS
¾ Negative power supply, ground
RES
I
Chip reset input, low active
VDD
¾ 5V positive power supply
OSCI
I
2MHz RC oscillator for system frequency with external pull-high resistor (140k
W)
NC
¾ No connection
PS2CK
I/O PS/2 mouse CLK line
PS2D
I/O PS/2 mouse data line
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage ..............................VSS
-0.3V to VSS+6.0V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=2MHz
4.0
5.0
5.5
V
IDD
Operating Current
5V
No load, fSYS=2MHz
¾
2.5
4
mA
VIL1
Input Low Voltage for RB, LB, RO, Z1,
Z2, RB1, RB0, SDIO, PS2CK and PS2D
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for RB, LB, RO, Z1,
Z2, RB1, RB0, SDIO, PS2CK and PS2D
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage for RES
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage for RES
¾¾
0.9VDD
¾
VDD
V
IOL
I/O Port Sink Current
5V
VOL=0.1VDD
10
20
¾
mA
IOH
I/O Port Source Current
5V
VOL=0.9VDD
-2
-4
¾
mA
RPH
Pull-high Resistance for RB, LB, RO, Z1,
Z2, RB1, RB0, SDIO, PS2CK and PS2D
5V
¾
10
30
50
k
W
HT82M35X
Rev. 1.00
2
May 30, 2007
Preliminary



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com