Electronic Components Datasheet Search
  English  ▼

X  

10ETF12PB Datasheet(PDF) 2 Page - International Rectifier

Part # 10ETF12PB
Description  FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12PB Datasheet(HTML) 2 Page - International Rectifier

  10ETF12PB Datasheet HTML 1Page - International Rectifier 10ETF12PB Datasheet HTML 2Page - International Rectifier 10ETF12PB Datasheet HTML 3Page - International Rectifier 10ETF12PB Datasheet HTML 4Page - International Rectifier 10ETF12PB Datasheet HTML 5Page - International Rectifier 10ETF12PB Datasheet HTML 6Page - International Rectifier 10ETF12PB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
10ETF12FPPbF QUIET
IR Series
Bulletin I2194 12/04
www.irf.com
I
F(AV) Max. Average Forward Current
10
A
@ T
C = 95° C, 180° conduction half sine wave
I
FSM
Max. Peak One Cycle Non-Repetitive
160
10ms Sine pulse, rated VRRMapplied
Surge Current
185
10ms Sine pulse, no voltage reapplied
I2t
Max. I2t for fusing
128
10ms Sine pulse, rated VRRMapplied
180
10ms Sine pulse, no voltage reapplied
I2√t
Max. I2√t for fusing
1800
A2√s
t = 0.1 to 10ms, no voltage reapplied
Part Number
V
RRM , maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
10ETF12FPPbF
1200
1300
4
Voltage Ratings
Absolute Maximum Ratings
Electrical Specifications
Recovery Characteristics
Parameters
Values
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.33
V
@ 10A, T
J = 25°C
r
t
Forward slope resistance
22.9
mΩ
T
J =
150°C
VF(TO) Threshold voltage
0.96
V
I
RM
Max. Reverse Leakage Current
0.1
T
J =
25 °C
4TJ = 150 °C
Parameters
Values
Units
Conditions
V
R = rated VRRM
mA
t
rr
Reverse Recovery Time
310
ns
I
F @ 10Apk
I
rr
Reverse Recovery Current
4.7
A
@ 25A/ µs
Qrr
Reverse Recovery Charge
1.05
µC
@ 25°C
S
Typical Snap Factor
0.6
Parameters
Values
Units
Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com