Electronic Components Datasheet Search
  English  ▼

X  

HT82V24 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V24
Description  16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V24 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Temperature Range
tA
Operating
¾¾
0
¾
70
°C
Power Consumption
Ptot3
Total Power Consumption (3CH)
¾¾
¾
380
¾
mW
Ptot2
Total Power Consumption (2CH)
¾¾
¾
340
¾
mW
Ptot1
Total Power Consumption (1CH)
¾¾
¾
300
¾
mW
Note:
²*² means the full-scale input range select by configuration register
Timing Specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
Clock Parameters
tPRA
3-channel pixel rate
200
¾¾
ns
tPRB
2-channel (Even-Odd) pixel rate
133
¾¾
ns
tPRC
1-channel pixel rate
66
¾¾
ns
tADCLK
ADCCLK Pulse Width
33
¾¾
ns
tC1
CDSCLK1 Pulse Width
15
30
¾
ns
tC2
CDSCLK2 Pulse Width
15
30
¾
ns
tC1C2
CDSCLK1 Falling to CDSCLK2 Rising
0
¾¾
ns
tADC2
ADCCLK Rising to CDSCLK2 Falling
0
¾¾
ns
tC2ADR
CDSCLK2 Rising to ADCCLK Rising
5
¾¾
ns
tC2ADF
CDSCLK2 Falling to ADCCLK Falling
30
¾¾
ns
tC2C1
CDSCLK2 Falling to CDSCLK1 Rising
30
¾¾
ns
tAD
Analog Sampling Delay
¾
5
¾
ns
Serial Interface
fSCLK
Maximum SCLK Frequency
10
¾¾
MHz
tLS
SLOAD to SCLK Setup Time
10
¾¾
ns
tLH
SCLK to SLOAD Hold Time
10
¾¾
ns
tDS
SDATA to SCLK Rising Setup Time
10
¾¾
ns
tDH
SCLK Rising to SDATA Hold Time
10
¾¾
ns
tRDV
Falling to SDATA Valid
10
¾¾
ns
Data Output
tOD
Output Delay
¾
12
¾
ns
HT82V24
Rev. 1.00
4
September 7, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com