Electronic Components Datasheet Search
  English  ▼

X  

SC191 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC191
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191 Datasheet(HTML) 3 Page - Semtech Corporation

  SC191 Datasheet HTML 1Page - Semtech Corporation SC191 Datasheet HTML 2Page - Semtech Corporation SC191 Datasheet HTML 3Page - Semtech Corporation SC191 Datasheet HTML 4Page - Semtech Corporation SC191 Datasheet HTML 5Page - Semtech Corporation SC191 Datasheet HTML 6Page - Semtech Corporation SC191 Datasheet HTML 7Page - Semtech Corporation SC191 Datasheet HTML 8Page - Semtech Corporation SC191 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
3
SC191
Electrical Characteristics (Cont.)
Note:
1) FELDO tested at I
BP = 110mA. Equivalent to IOUT = 330mA at VOUT= 1.2V.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
P-Channel Current Limit
I
LIM(P)
550
730
940
mA
N-Channel Current Limit
I
LIM(N)
-270
-420
-700
mA
Quiescent Current
I
Q
Switching mode, I
OUT = 100μA
2.5
mA
Shutdown Current
I
SD
EN tied to GND
0.1
1
μA
LX Leakage Current PMOS
I
LXP
V
IN = 5.5V
LX, EN tied to GND
0.1
1
μA
LX Leakage Current NMOS
I
LXN
V
IN = VLX = 5.5V
EN tied to GND
-20
0.1
μA
Oscillator Frequency
f
OSC
0.87
1.0
1.12
MHz
UVLO Threshold (Lower)
V
UVLO
2.4
2.5
2.6
V
UVLO Hysteresis
V
UVLO-HYS
50
mV
Thermal Shutdown
T
SD
145
°C
Thermal Shutdown
Hysteresis
T
SD-HYS
10
°C
Logic Input High
V
IH
EN pin
1.6
V
Logic Input Low
V
IL
EN pin
0.6
V
Logic Input Current High
I
IH
EN pin
-2
0.1
2
μA
Logic Input Current Low
I
IL
EN pin
-2
0.1
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com